Electronic Components Datasheet Search
  English  ▼

X  

1987254-2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # 1987254-2
Description  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1987254-2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button 1987254-2 Datasheet HTML 17Page - STMicroelectronics 1987254-2 Datasheet HTML 18Page - STMicroelectronics 1987254-2 Datasheet HTML 19Page - STMicroelectronics 1987254-2 Datasheet HTML 20Page - STMicroelectronics 1987254-2 Datasheet HTML 21Page - STMicroelectronics 1987254-2 Datasheet HTML 22Page - STMicroelectronics 1987254-2 Datasheet HTML 23Page - STMicroelectronics 1987254-2 Datasheet HTML 24Page - STMicroelectronics 1987254-2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
Features & Benefits
Technical Data
•
Product comes as an assembled kit that
includes an attachment screw
•
Contact design provides 4 points of
contact to the ground wire for high
reliability
•
Product is easy to install with simple
tools that are readily available
•
Removal of the installed ground wire
requires a screwdriver, this meeting the
tooled extration requirements
•
RoHS compliant
Grounding System : Grounding Clip
Materials
Housing : Durable PBT 30% glass filled
polyester. Material is outdoor & UV rated
Contact : High conductivity, copper
Electrical Features
Meets the tough requirements of
photovoltaic grounding applications
and the 2008 National Electrical Code.
Mechanical Features
Meets the tough requirements for
grounding applications for solid
copper wire.
12 AWG applications will withstand
70lbs pull while the 10 AWG
applications will withstand 80lbs pull
Application Tooling
No special tooling is required -- only
flathead screwdrivers and channel
lock pliers (optional)
Standards
Ul 467 listed
UL File #E69905
A requirement for UL 1703
solar panel listing
CSA C22.2 No. 41-07
Part Number
Screw
Nut
Package Quantity
Wire Size
1954381-1
#10-32 Thread Cutting
None
100
10-12 AWG
1954381-2
#8-32 Pan Head
#8-32
100
10-12 AWG
1954381-3
#8-32 Pan Head
#8-32 Star Washer Nut
100
10-12 AWG
1954381-4
#8-32 Long Shark
none
100
10-12 AWG
1954381-5
#10-32 Thread Cutting
none
100
6 mm2
*Instruction Sheet : 408-10160
Product Offering
... Ready
... Push...
Insert...
3 Easy Steps to Ground Your PV System
Dimensions
#8-32 Pan
Head Screw
24.5
16.8
94.5
32.5
10.0
#10-32 Thread
Cutting Screw
Closed Position
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com