Electronic Components Datasheet Search
  English  ▼

X  

1987254-2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # 1987254-2
Description  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1987254-2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button 1987254-2 Datasheet HTML 18Page - STMicroelectronics 1987254-2 Datasheet HTML 19Page - STMicroelectronics 1987254-2 Datasheet HTML 20Page - STMicroelectronics 1987254-2 Datasheet HTML 21Page - STMicroelectronics 1987254-2 Datasheet HTML 22Page - STMicroelectronics 1987254-2 Datasheet HTML 23Page - STMicroelectronics 1987254-2 Datasheet HTML 24Page - STMicroelectronics 1987254-2 Datasheet HTML 25Page - STMicroelectronics 1987254-2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
20
Technical Data
Technical Data
Electrical Features
Current Rating
: Up to 25 A
Withstanding Voltage : 1000 V DC
Contact Resistance : 1 mΩ typical
Mechanical Features
Dimensions : Diameter 18 mm (.71 inch)
Protection Degree : IP 67, mated
Contact Finish : Silver plated
Standards
UL approved
TÜV approved
Electrical Features
Current Rating : Up to 25 A
Withstanding Voltage : 1000 V DC
Contact Resistance : 1 mΩ typical
Mechanical Features
Dimensions : Diameter 18 mm (.71 inch)
Protection Degree : IP 67, mated
Contact Finish : Silver plated
Standards
UL approved
TÜV approved
Cable Coupler : Standard Line
Female Cable Coupler (kit with screw-machined contact)
Gen 3 Seal Part Number Gen 2 Seal Part Number
Cable Outer Diameter
5.5 mm to 8.0 mm
Cable Outer Diameter
4.5 mm to 6.0 mm
Wire Size
Keying
Package Quantity
mm2
AWG
1394462-1
4-1394462-6
2.5
14
Plus
100
1394462-3
4-1394462-8
4.0
12
Plus
100
5-1394462-5
6-1394462-3
6.0
10
Plus
100
1394462-2
4-1394462-7
2.5
14
Minus
100
1394462-4
4-1394462-9
4.0
12
Minus
100
5-1394462-6
6-1394462-4
6.0
10
Minus
100
Male Cable Coupler (kit with screw-machined contact)
Gen 3 Seal Part Number Gen 2 Seal Part Number
Cable Outer Diameter
5.5 mm to 8.0 mm
Cable Outer Diameter
4.5 mm to 6.0 mm
Wire Size
Keying
Package Quantity
mm2
AWG
1394461-1
1394461-7
2.5
14
Plus
100
1394461-3
7-1394461-0
4.0
12
Plus
100
6-1394461-5
7-1394461-3
6.0
10
Plus
100
1394461-2
1394461-8
2.5
14
Minus
100
1394461-4
7-1394461-1
4.0
12
Minus
100
6-1394461-6
7-1394461-4
6.0
10
Minus
100
6-1394461-1
6-1394461-3
2.5
14
Neutral
100
6-1394461-2
7-1394461-2
4.0
12
Neutral
100
6-1394461-4
7-1394461-5
6.0
10
Neutral
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com