Electronic Components Datasheet Search
  English  ▼

X  

T2H Datasheet(PDF) 89 Page - Murata Manufacturing Co., Ltd.

Part # T2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

T2H Datasheet(HTML) 89 Page - Murata Manufacturing Co., Ltd.

Back Button T2H Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 237 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.9mm
25Vdc
R
15000pF
±10%
GRM188R11E153KA01#
22000pF
±10%
GRM188R11E223KA01#
±20%
GRM188R11E223MA01#
33000pF
±10%
GRM188R11E333KA01#
47000pF
±10%
GRM188R11E473KA01#
68000pF
±10%
GRM188R11E683KA01#
0.15µF
±10%
GRM188R11E154KA01#
0.22µF
±10%
GRM188R11E224KA88#
X6S
1.0µF
±10%
GRM188C81E105KAAD#
±20%
GRM188C81E105MAAD#
X5R
0.1µF
±10%
GRM188R61E104KA01#
0.22µF
±10%
GRM188R61E224KA88#
0.47µF
±10%
GRM188R61E474KA12#
±20%
GRM188R61E474MA12#
0.68µF
±10%
GRM188R61E684KA75#
±20%
GRM188R61E684MA75#
1.0µF
±10%
GRM188R61E105KA12#
±20%
GRM188R61E105MA12#
2.2µF
±10%
GRM188R61E225KA12#
±20%
GRM188R61E225MA12#
B
2200pF
±10%
GRM188B11E222KA01#
3300pF
±10%
GRM188B11E332KA01#
4700pF
±10%
GRM188B11E472KA01#
6800pF
±10%
GRM188B11E682KA01#
10000pF
±10%
GRM188B11E103KA01#
±20%
GRM188B11E103MA01#
15000pF
±10%
GRM188B11E153KA01#
±20%
GRM188B11E153MA01#
22000pF
±10%
GRM188B11E223KA01#
±20%
GRM188B11E223MA01#
33000pF
±10%
GRM188B11E333KA01#
±20%
GRM188B11E333MA01#
47000pF
±10%
GRM188B11E473KA01#
±20%
GRM188B11E473MA01#
68000pF
±10%
GRM188B11E683KA01#
±20%
GRM188B11E683MA01#
0.1µF
±10%
GRM188B11E104KA01#
±20%
GRM188B11E104MA01#
0.15µF
±10%
GRM188B11E154KA01#
0.22µF
±10%
GRM188B31E224KA87#
0.47µF
±10%
GRM188B31E474KA75#
±20%
GRM188B31E474MA75#
0.68µF
±10%
GRM188B31E684KA75#
±20%
GRM188B31E684MA75#
1.0µF
±10%
GRM188B31E105KA75#
±20%
GRM188B31E105MA75#
2.2µF
±10%
GRM188B31E225KA12#
±20%
GRM188B31E225MA12#
16Vdc
X7R
0.15µF
±10%
GRM188R71C154KA01#
0.22µF
±10%
GRM188R71C224KA01#
0.33µF
±10%
GRM188R71C334KA01#
0.47µF
±10%
GRM188R71C474KA88#
1.0µF
±10%
GRM188R71C105KA12#
±10%
GRM188R71C105KE15#
GRM Series High Dielectric Constant Type Part Number List
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.9mm
16Vdc
X7R
1.0µF
±20%
GRM188R71C105MA12#
±20%
GRM188R71C105ME15#
X7S
0.68µF
±10%
GRM188C71C684KA12#
R
0.15µF
±10%
GRM188R11C154KA01#
0.22µF
±10%
GRM188R11C224KA01#
0.33µF
±10%
GRM188R11C334KA01#
0.47µF
±10%
GRM188R11C474KA88#
X6S
1.0µF
±10%
GRM188C81C105KA12#
±20%
GRM188C81C105MA12#
2.2µF
±10%
GRM188C81C225KA12#
±20%
GRM188C81C225MA12#
X5R
0.22µF
±10%
GRM188R61C224KA88#
0.68µF
±10%
GRM188R61C684KA75#
±20%
GRM188R61C684MA75#
1.0µF
±10%
GRM188R61C105KA93#
2.2µF
±10%
GRM188R61C225KE15#
B
0.15µF
±10%
GRM188B11C154KA01#
0.22µF
±10%
GRM188B11C224KA01#
0.33µF
±10%
GRM188B11C334KA01#
±20%
GRM188B11C334MA01#
0.68µF
±10%
GRM188B31C684KA75#
±20%
GRM188B31C684MA75#
1.0µF
±10%
GRM188B31C105KA92#
±20%
GRM188B31C105MA92#
2.2µF
±10%
GRM188B31C225KE14#
10Vdc
X7R
0.33µF
±10%
GRM188R71A334KA61#
±20%
GRM188R71A334MA61#
0.47µF
±10%
GRM188R71A474KA61#
0.68µF
±10%
GRM188R71A684KA61#
±20%
GRM188R71A684MA61#
2.2µF
±10%
GRM188R71A225KE15#
±20%
GRM188R71A225ME15#
X7T
2.2µF
±10%
GRM188D71A225KE34#
±20%
GRM188D71A225ME34#
X6S
2.2µF
±10%
GRM188C81A225KE34#
±20%
GRM188C81A225ME34#
X5R
0.33µF
±10%
GRM188R61A334KA61#
±20%
GRM188R61A334MA61#
0.68µF
±10%
GRM188R61A684KA61#
±20%
GRM188R61A684MA61#
2.2µF
±10%
GRM188R61A225KE34#
±20%
GRM188R61A225ME34#
B
0.33µF
±10%
GRM188B11A334KA61#
±20%
GRM188B11A334MA61#
0.68µF
±10%
GRM188B11A684KA61#
±20%
GRM188B11A684MA61#
2.2µF
±10%
GRM188B31A225KE33#
±20%
GRM188B31A225ME33#
6.3Vdc
X7R
1.0µF
±10%
GRM188R70J105KA01#
±20%
GRM188R70J105MA01#
X7S
2.2µF
±10%
GRM188C70J225KE20#
±20%
GRM188C70J225ME20#
X6S
2.2µF
±10%
GRM188C80J225KE19#
±20%
GRM188C80J225ME19#
(
→ c 1.6×0.8mm)
C02E.pdf
Oct.1,2012
71
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com