Electronic Components Datasheet Search
  English  ▼

X  

T2H Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # T2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

T2H Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button T2H Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 237 page
background image
C02E.pdf
Oct.1,2012
separate volume 14
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(
→ c GRM Series High Dielectric Constant Type)
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
68pF
100pF
150pF
220pF
330pF
470pF
680pF
1000pF
1500pF
2200pF
3300pF
4700pF
6800pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
68000pF
0.1μF
0.15μF
0.22μF
0.33μF
0.47μF
0.68μF
1.0μF
2.2μF
4.7μF
10μF
22μF
47μF
100μF
150μF
3.2×2.5
X5R
4
1.9
X5S
6.3
1
X6T
4
X5S
1.8
250
50
25
16
10
6.3
100
1.8, 1.9
6.3
4
X7R
X7R X5R, B X7R
X6S X5R, B X7R, R X6S X5R, B X7R
X6S X5R, B
X7R
X5R, B X7U
X7
Δ
X6
Δ
X6
Δ
3.2×1.6
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p143
p143
p143
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p74
p75
p75
p75
B
X7S
X7T
X7U
X6S
X6T
X5R
X5S
R
X7R
p00
← Part Number List
JIS:
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
1.8
1.8
1.8
1.9
1.8
1.9
1.8
1.9
1.8
1.9
1.8
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com