Electronic Components Datasheet Search
  English  ▼

X  

T2H Datasheet(PDF) 41 Page - Murata Manufacturing Co., Ltd.

Part # T2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

T2H Datasheet(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button T2H Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 237 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
C0G
4.0pF
±0.05pF GRM0225C1C4R0WD05#
±0.1pF
GRM0225C1C4R0BD05#
±0.25pF GRM0225C1C4R0CD05#
4.1pF
±0.05pF GRM0225C1C4R1WD05#
±0.1pF
GRM0225C1C4R1BD05#
±0.25pF GRM0225C1C4R1CD05#
4.2pF
±0.05pF GRM0225C1C4R2WD05#
±0.1pF
GRM0225C1C4R2BD05#
±0.25pF GRM0225C1C4R2CD05#
4.3pF
±0.05pF GRM0225C1C4R3WD05#
±0.1pF
GRM0225C1C4R3BD05#
±0.25pF GRM0225C1C4R3CD05#
4.4pF
±0.05pF GRM0225C1C4R4WD05#
±0.1pF
GRM0225C1C4R4BD05#
±0.25pF GRM0225C1C4R4CD05#
4.5pF
±0.05pF GRM0225C1C4R5WD05#
±0.1pF
GRM0225C1C4R5BD05#
±0.25pF GRM0225C1C4R5CD05#
4.6pF
±0.05pF GRM0225C1C4R6WD05#
±0.1pF
GRM0225C1C4R6BD05#
±0.25pF GRM0225C1C4R6CD05#
4.7pF
±0.05pF GRM0225C1C4R7WD05#
±0.1pF
GRM0225C1C4R7BD05#
±0.25pF GRM0225C1C4R7CD05#
4.8pF
±0.05pF GRM0225C1C4R8WD05#
±0.1pF
GRM0225C1C4R8BD05#
±0.25pF GRM0225C1C4R8CD05#
4.9pF
±0.05pF GRM0225C1C4R9WD05#
±0.1pF
GRM0225C1C4R9BD05#
±0.25pF GRM0225C1C4R9CD05#
5.0pF
±0.05pF GRM0225C1C5R0WD05#
±0.1pF
GRM0225C1C5R0BD05#
±0.25pF GRM0225C1C5R0CD05#
5.1pF
±0.05pF GRM0225C1C5R1WD05#
±0.1pF
GRM0225C1C5R1BD05#
±0.25pF GRM0225C1C5R1CD05#
±0.5pF
GRM0225C1C5R1DD05#
5.2pF
±0.05pF GRM0225C1C5R2WD05#
±0.1pF
GRM0225C1C5R2BD05#
±0.25pF GRM0225C1C5R2CD05#
±0.5pF
GRM0225C1C5R2DD05#
5.3pF
±0.05pF GRM0225C1C5R3WD05#
±0.1pF
GRM0225C1C5R3BD05#
±0.25pF GRM0225C1C5R3CD05#
±0.5pF
GRM0225C1C5R3DD05#
5.4pF
±0.05pF GRM0225C1C5R4WD05#
±0.1pF
GRM0225C1C5R4BD05#
±0.25pF GRM0225C1C5R4CD05#
±0.5pF
GRM0225C1C5R4DD05#
5.5pF
±0.05pF GRM0225C1C5R5WD05#
±0.1pF
GRM0225C1C5R5BD05#
±0.25pF GRM0225C1C5R5CD05#
±0.5pF
GRM0225C1C5R5DD05#
5.6pF
±0.05pF GRM0225C1C5R6WD05#
GRM Series Temperature Compensating Type Part Number List
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
C0G
5.6pF
±0.1pF
GRM0225C1C5R6BD05#
±0.25pF GRM0225C1C5R6CD05#
±0.5pF
GRM0225C1C5R6DD05#
5.7pF
±0.05pF GRM0225C1C5R7WD05#
±0.1pF
GRM0225C1C5R7BD05#
±0.25pF GRM0225C1C5R7CD05#
±0.5pF
GRM0225C1C5R7DD05#
5.8pF
±0.05pF GRM0225C1C5R8WD05#
±0.1pF
GRM0225C1C5R8BD05#
±0.25pF GRM0225C1C5R8CD05#
±0.5pF
GRM0225C1C5R8DD05#
5.9pF
±0.05pF GRM0225C1C5R9WD05#
±0.1pF
GRM0225C1C5R9BD05#
±0.25pF GRM0225C1C5R9CD05#
±0.5pF
GRM0225C1C5R9DD05#
6.0pF
±0.05pF GRM0225C1C6R0WD05#
±0.1pF
GRM0225C1C6R0BD05#
±0.25pF GRM0225C1C6R0CD05#
±0.5pF
GRM0225C1C6R0DD05#
6.1pF
±0.05pF GRM0225C1C6R1WD05#
±0.1pF
GRM0225C1C6R1BD05#
±0.25pF GRM0225C1C6R1CD05#
±0.5pF
GRM0225C1C6R1DD05#
6.2pF
±0.05pF GRM0225C1C6R2WD05#
±0.1pF
GRM0225C1C6R2BD05#
±0.25pF GRM0225C1C6R2CD05#
±0.5pF
GRM0225C1C6R2DD05#
6.3pF
±0.05pF GRM0225C1C6R3WD05#
±0.1pF
GRM0225C1C6R3BD05#
±0.25pF GRM0225C1C6R3CD05#
±0.5pF
GRM0225C1C6R3DD05#
6.4pF
±0.05pF GRM0225C1C6R4WD05#
±0.1pF
GRM0225C1C6R4BD05#
±0.25pF GRM0225C1C6R4CD05#
±0.5pF
GRM0225C1C6R4DD05#
6.5pF
±0.05pF GRM0225C1C6R5WD05#
±0.1pF
GRM0225C1C6R5BD05#
±0.25pF GRM0225C1C6R5CD05#
±0.5pF
GRM0225C1C6R5DD05#
6.6pF
±0.05pF GRM0225C1C6R6WD05#
±0.1pF
GRM0225C1C6R6BD05#
±0.25pF GRM0225C1C6R6CD05#
±0.5pF
GRM0225C1C6R6DD05#
6.7pF
±0.05pF GRM0225C1C6R7WD05#
±0.1pF
GRM0225C1C6R7BD05#
±0.25pF GRM0225C1C6R7CD05#
±0.5pF
GRM0225C1C6R7DD05#
6.8pF
±0.05pF GRM0225C1C6R8WD05#
±0.1pF
GRM0225C1C6R8BD05#
±0.25pF GRM0225C1C6R8CD05#
±0.5pF
GRM0225C1C6R8DD05#
6.9pF
±0.05pF GRM0225C1C6R9WD05#
±0.1pF
GRM0225C1C6R9BD05#
±0.25pF GRM0225C1C6R9CD05#
(
→ c 0.4×0.2mm)
C02E.pdf
Oct.1,2012
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com