Electronic Components Datasheet Search
  English  ▼

X  

T2H Datasheet(PDF) 97 Page - Murata Manufacturing Co., Ltd.

Part # T2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

T2H Datasheet(HTML) 97 Page - Murata Manufacturing Co., Ltd.

Back Button T2H Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 237 page
background image
1 Ideal for IC decoupling of high-speed operating equipment, due to the low inductance value (ESL value).
2 LW reversed geometry type/multi-terminal type and a large lineup of capacitors are available according to performance
requirements.
Ideal decoupling solution for equipment having advanced features.
LLL Series
L
W
T
1 Reduces the anti-resonance generated in the high-frequency range.
2 An optimal ESR value can be selected from four types, according to the characteristics of the circuit.
3 The low ESL type, is also ideal as a decoupling component.
Low ESL capacitor that suppresses the anti-resonance in circuits.
LLR Series
L
W
T
1 Ideal for IC decoupling of high-speed operating equipment, due to the low inductance value (ESL value).
2 LW reversed geometry type/multi-terminal type and a large lineup of capacitors are available according to performance
requirements.
Ideal decoupling solution for equipment having advanced features.
LLA Series
12
3
4
87
65
L
W
T
13 57
24 68
P
1 Ideal for IC decoupling of high-speed operating equipment, due to the low inductance value (ESL value).
2 LW reversed geometry type/multi-terminal type and a large lineup of capacitors are available according to performance
requirements.
Ideal decoupling solution for equipment having advanced features.
LLM Series
10
5
13 5 7 9
24 6 8 10
12
3
4
98
76
L
W
T
P
Low ESL LLL/LLR/LLA/LLM Series
Chip Monolithic Ceramic Capacitors
Low
ESL
C02E.pdf
Oct.1,2012
79
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com