Electronic Components Datasheet Search
  English  ▼

X  

T2H Datasheet(PDF) 101 Page - Murata Manufacturing Co., Ltd.

Part # T2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

T2H Datasheet(HTML) 101 Page - Murata Manufacturing Co., Ltd.

Back Button T2H Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 104Page - Murata Manufacturing Co., Ltd. T2H Datasheet HTML 105Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 237 page
background image
Part number # indicates the package specification code.
GJM Series Temperature Compensating Type HiQ
Part Number List
c 0.4×0.2mm Ultra-
compact
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
C0G
0.2pF
±0.05pF GJM0225C1CR20WB01#
±0.1pF
GJM0225C1CR20BB01#
0.3pF
±0.05pF GJM0225C1CR30WB01#
±0.1pF
GJM0225C1CR30BB01#
0.4pF
±0.05pF GJM0225C1CR40WB01#
±0.1pF
GJM0225C1CR40BB01#
0.5pF
±0.05pF GJM0225C1CR50WB01#
±0.1pF
GJM0225C1CR50BB01#
0.6pF
±0.05pF GJM0225C1CR60WB01#
±0.1pF
GJM0225C1CR60BB01#
0.7pF
±0.05pF GJM0225C1CR70WB01#
±0.1pF
GJM0225C1CR70BB01#
0.8pF
±0.05pF GJM0225C1CR80WB01#
±0.1pF
GJM0225C1CR80BB01#
0.9pF
±0.05pF GJM0225C1CR90WB01#
±0.1pF
GJM0225C1CR90BB01#
1.0pF
±0.05pF GJM0225C1C1R0WB01#
±0.1pF
GJM0225C1C1R0BB01#
±0.25pF GJM0225C1C1R0CB01#
1.1pF
±0.05pF GJM0225C1C1R1WB01#
±0.1pF
GJM0225C1C1R1BB01#
±0.25pF GJM0225C1C1R1CB01#
1.2pF
±0.05pF GJM0225C1C1R2WB01#
±0.1pF
GJM0225C1C1R2BB01#
±0.25pF GJM0225C1C1R2CB01#
1.3pF
±0.05pF GJM0225C1C1R3WB01#
±0.1pF
GJM0225C1C1R3BB01#
±0.25pF GJM0225C1C1R3CB01#
1.4pF
±0.05pF GJM0225C1C1R4WB01#
±0.1pF
GJM0225C1C1R4BB01#
±0.25pF GJM0225C1C1R4CB01#
1.5pF
±0.05pF GJM0225C1C1R5WB01#
±0.1pF
GJM0225C1C1R5BB01#
±0.25pF GJM0225C1C1R5CB01#
1.6pF
±0.05pF GJM0225C1C1R6WB01#
±0.1pF
GJM0225C1C1R6BB01#
±0.25pF GJM0225C1C1R6CB01#
1.7pF
±0.05pF GJM0225C1C1R7WB01#
±0.1pF
GJM0225C1C1R7BB01#
±0.25pF GJM0225C1C1R7CB01#
1.8pF
±0.05pF GJM0225C1C1R8WB01#
±0.1pF
GJM0225C1C1R8BB01#
±0.25pF GJM0225C1C1R8CB01#
1.9pF
±0.05pF GJM0225C1C1R9WB01#
±0.1pF
GJM0225C1C1R9BB01#
±0.25pF GJM0225C1C1R9CB01#
2.0pF
±0.05pF GJM0225C1C2R0WB01#
±0.1pF
GJM0225C1C2R0BB01#
±0.25pF GJM0225C1C2R0CB01#
2.1pF
±0.05pF GJM0225C1C2R1WB01#
±0.1pF
GJM0225C1C2R1BB01#
±0.25pF GJM0225C1C2R1CB01#
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
C0G
2.2pF
±0.05pF GJM0225C1C2R2WB01#
±0.1pF
GJM0225C1C2R2BB01#
±0.25pF GJM0225C1C2R2CB01#
2.3pF
±0.05pF GJM0225C1C2R3WB01#
±0.1pF
GJM0225C1C2R3BB01#
±0.25pF GJM0225C1C2R3CB01#
2.4pF
±0.05pF GJM0225C1C2R4WB01#
±0.1pF
GJM0225C1C2R4BB01#
±0.25pF GJM0225C1C2R4CB01#
2.5pF
±0.05pF GJM0225C1C2R5WB01#
±0.1pF
GJM0225C1C2R5BB01#
±0.25pF GJM0225C1C2R5CB01#
2.6pF
±0.05pF GJM0225C1C2R6WB01#
±0.1pF
GJM0225C1C2R6BB01#
±0.25pF GJM0225C1C2R6CB01#
2.7pF
±0.05pF GJM0225C1C2R7WB01#
±0.1pF
GJM0225C1C2R7BB01#
±0.25pF GJM0225C1C2R7CB01#
2.8pF
±0.05pF GJM0225C1C2R8WB01#
±0.1pF
GJM0225C1C2R8BB01#
±0.25pF GJM0225C1C2R8CB01#
2.9pF
±0.05pF GJM0225C1C2R9WB01#
±0.1pF
GJM0225C1C2R9BB01#
±0.25pF GJM0225C1C2R9CB01#
3.0pF
±0.05pF GJM0225C1C3R0WB01#
±0.1pF
GJM0225C1C3R0BB01#
±0.25pF GJM0225C1C3R0CB01#
3.1pF
±0.05pF GJM0225C1C3R1WB01#
±0.1pF
GJM0225C1C3R1BB01#
±0.25pF GJM0225C1C3R1CB01#
3.2pF
±0.05pF GJM0225C1C3R2WB01#
±0.1pF
GJM0225C1C3R2BB01#
±0.25pF GJM0225C1C3R2CB01#
3.3pF
±0.05pF GJM0225C1C3R3WB01#
±0.1pF
GJM0225C1C3R3BB01#
±0.25pF GJM0225C1C3R3CB01#
3.4pF
±0.05pF GJM0225C1C3R4WB01#
±0.1pF
GJM0225C1C3R4BB01#
±0.25pF GJM0225C1C3R4CB01#
3.5pF
±0.05pF GJM0225C1C3R5WB01#
±0.1pF
GJM0225C1C3R5BB01#
±0.25pF GJM0225C1C3R5CB01#
3.6pF
±0.05pF GJM0225C1C3R6WB01#
±0.1pF
GJM0225C1C3R6BB01#
±0.25pF GJM0225C1C3R6CB01#
3.7pF
±0.05pF GJM0225C1C3R7WB01#
±0.1pF
GJM0225C1C3R7BB01#
±0.25pF GJM0225C1C3R7CB01#
3.8pF
±0.05pF GJM0225C1C3R8WB01#
±0.1pF
GJM0225C1C3R8BB01#
±0.25pF GJM0225C1C3R8CB01#
3.9pF
±0.05pF GJM0225C1C3R9WB01#
±0.1pF
GJM0225C1C3R9BB01#
±0.25pF GJM0225C1C3R9CB01#
C02E.pdf
Oct.1,2012
83
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com