Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 2 Page - First Components International

Part # LM2596
Description  Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2596 Datasheet(HTML) 2 Page - First Components International

  LM2596 Datasheet HTML 1Page - First Components International LM2596 Datasheet HTML 2Page - First Components International LM2596 Datasheet HTML 3Page - First Components International LM2596 Datasheet HTML 4Page - First Components International LM2596 Datasheet HTML 5Page - First Components International LM2596 Datasheet HTML 6Page - First Components International LM2596 Datasheet HTML 7Page - First Components International LM2596 Datasheet HTML 8Page - First Components International LM2596 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
PIN FUNCTIONS
+VIN - This is the positive input supply for the IC
switching regulator. A suitable input bypass
capacitor must be present at this pin to minimize
voltage transients and to supply the switching
currents needed by the regulator.
Ground - Circuit ground.
Output - Internal switch. The voltage at this pin
switches between (+VIN - VSAT ) and approximately
-0.5V, with a duty cycle of approximately VOUT /VIN.
To minimize coupling to sensitive circuitry, the PC
board copper area connected to this pin should be
kept to a minimum.
Feedback #Senses the regulated output voltage to
complete the feedback loop.
ON/OFF - Allows the switching regulator circuit to
be shut down using logic level signals thus
dropping the total input supply current to
approximately 80 UA. Pulling this pin below a
threshold voltage of approximately 1.3V turns the
regulator on, and pulling this pin above 1.3V (up to
a maximum of 25V) shuts the regulator down. If this
shutdown feature is not needed, the ON /OFF pin
can be wired to the ground pin or it can be left
open, in either case the regulator will be in the ON
condition.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Maximum Supply Voltage
45V
ON /OFF Pin Input Voltage
-0.3
≤ V ≤ +25V
Feedback Pin Voltage
-0.3
≤ V ≤+25V
Output Voltage to Ground
(Steady State)
-1V
Power Dissipation
Internally limited
Storage Temperature Range
-650C to +1500C
ESD Susceptibility
Human Body Model (Note 2)
2 kV
Lead Temperature
S Package
Vapor Phase (60 sec.)
+2150C
Infrared (10 sec.)
+2450C
T Package (Soldering, 10 sec.)
+2600C
Maximum Junction Temperature
+1500C
OPERATING CONDITIONS
Temperature Range
-400C
≤TJ≤+1250C
Supply Voltage
4.5V to 40V
LM2596-3.3
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 250C, and those with boldface type apply over full
Operating Temperature Range
LM2596-3.3
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
4.7V5
≤VIN≤40V, 0.2A≤ILOAD≤3A
3.3
3.168/3.135
3.432/3.465
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD=3A
73
%
LM2596-5.0
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 250C, and those with boldface type apply over full
Operating Temperature Range
LM2596-5.0
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
7V
≤VIN≤40V, 0.2A≤ILOAD≤3A
5.0
4.800/4.750
5.200/5.250
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD=3A
80
%
LM2596-12
ELECTRICAL CHARACTERISTICS
Specifications with standard type face are for TJ = 250C, and those with boldface type apply over full
Operating Temperature Range
LM2596-12
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5)Test Circuit Figure 1
VOUT
Output Voltage
15V
≤VIN≤40V, 0.2A≤ILOAD≤3A
12.0
11.52/11.40
12.48/12.60
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD=3A
90
%
LM2596 Simple switcher Power Converter 150kHz
3A Step-Down Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com