Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 12 Page - First Components International

Part # LM2596
Description  Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2596 Datasheet(HTML) 12 Page - First Components International

Back Button LM2596 Datasheet HTML 6Page - First Components International LM2596 Datasheet HTML 7Page - First Components International LM2596 Datasheet HTML 8Page - First Components International LM2596 Datasheet HTML 9Page - First Components International LM2596 Datasheet HTML 10Page - First Components International LM2596 Datasheet HTML 11Page - First Components International LM2596 Datasheet HTML 12Page - First Components International LM2596 Datasheet HTML 13Page - First Components International LM2596 Datasheet HTML 14Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Figure 5. LM2596-5.0
Figure 7. LM2596-ADJ
LM2596 SERIES BUCK REGULATOR DESIGN PROCEDURE (Continued)
Schott
Renco
Pulse Engineering
Coilcraft
Inductance
(
µH)
Cur-
rent
(A)
Through
Hole
Surface
Mount
Through
Hole
Surface
Mount
Through
Hole
Surface
Mount
Surface
Mount
L15 22
0.99
67148350 67148460 RL-1284-22-43 RL1500-22 PE-53815 PE-53815-S DO3308-223
L21 68
0.99
67144070 67144450
RL-5471-5
RL1500-68 PE-53821 PE-53821-S
DO3316-683
L22 47
1.17
67144080 67144460
RL-5471-6
-
PE-53822 PE-53822-S DO3316-473
L23 33
1.40
67144090 67144470
RL-5471-7
-
PE-53823 PE-53823-S
DO3316-333
L24 22
1.70
67148370 67148480 RL-1283-22-43
-
PE-53824 PE-53825-S
DO3316-223
L25 15
2.10
67148380 67148490 RL-1283-15-43
-
PE-53825 PE-53824-S
DO3316-153
L26 330
0.80
67144100 67144480
RL-5471-1
-
PE-53826 PE-53826-S DO5022P-334
L27 220
1.00
67144110 67144490
RL-5471-2
-
PE-53827 PE-53827-S DO5022P-224
L28 150
1.20
67144120 67144500
RL-5471-3
-
PE-53828 PE-53828-S DO5022P-154
L29 100
1.47
67144130 67144510
RL-5471-4
-
PE-53829 PE-53829-S DO5022P-104
L30 68
1.78
67144140 67144520
RL-5471-5
-
PE-53830 PE-53830-S DO5022P-683
L31 47
2.20
67144150 67144530
RL-5471-6
-
PE-53831 PE-53831-S DO5022P-473
L32 33
2.50
67144160 67144540
RL-5471-7
-
PE-53932 PE-53932-S DO5022P-333
L33 22
3.10
67148390 67148500 RL-1283-22-43
-
PE-53933 PE-53933-S DO5022P-223
L34 15
3.40
67148400 67148790 RL-1283-15-43
-
PE-53934 PE-53934-S DO5022P-153
L35 220
1.70
67144170
-
RL-5473-1
-
PE-53935 PE-53935-S
-
L36 150
2.10
67144180
-
RL-5473-4
-
PE-54036 PE-54036-S
-
L37 100
2.50
67144190
-
RL-5472-1
-
PE-54037 PE-54037-S
-
L38 68
3.10
67144200
-
RL-5472-2
-
PE-54038 PE-54038-S
-
L39 47
3.50
67144210
-
RL-5472-3
-
PE-54039 PE-54039-S
-
L40 33
3.50
67144220 67148290
RL-5472-4
-
PE-54040 PE-54040-S
-
L41 22
3.50
67144230 67148300
RL-5472-5
-
PE-54041 PE-54041-S
-
L42 150
2.70
67148410
-
RL-5473-4
-
PE-54042 PE-54042-S
-
L43 100
3.40
67144240
-
RL-5473-2
-
PE-54043
-
L44 68
3.40
67144250
-
RL-5473-3
-
PE-54044
-
Figure 8. Inductor Manufacturers Part Numbers
7V
8V
9V
10V
12V
15V
20V
40V
0.6
0.8 1.0
1.5
2.0 2.5 3.0
MAXIMUM LOAD CURRENT (A)
L29
L38
L39
L30
L21
L31
L40
L32
L33
L34
L25
L23
L22
L24
10
0
H
µ
68
H
µ
47
H
µ
33
H
µ
22
H
µ
15
H
µ
0.6
0.8 1.0
1.5
2.0 2.5 3.0
MAXIMUM LOAD CURRENT (A)
4
5
6
7
8
9
10
15
20
25
30
40
50
60
70
L27
L35
L28
L36
L29
L21
L30
L38
L43
L44
L37
L22
L31
L39
L23
L15
L24
L40
L32
L33
L34
L25
33
H
µ
22
H
µ
15
H
µ
47
H
µ
68
H
µ
100
H
µ
150
H
µ
220
H
µ
0
10
20
30 40
50
60 70
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
CAPACITOR VOLTAGE RATING (V)
Figure 9. RMS Current Ratings for Low ESR
Electrolytic Capacitors (typical)
LM2596 Simple switcher Power Converter 150kHz
3A Step-Down Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com