Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 11 Page - First Components International

Part # LM2596
Description  Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2596 Datasheet(HTML) 11 Page - First Components International

Back Button LM2596 Datasheet HTML 6Page - First Components International LM2596 Datasheet HTML 7Page - First Components International LM2596 Datasheet HTML 8Page - First Components International LM2596 Datasheet HTML 9Page - First Components International LM2596 Datasheet HTML 10Page - First Components International LM2596 Datasheet HTML 11Page - First Components International LM2596 Datasheet HTML 12Page - First Components International LM2596 Datasheet HTML 13Page - First Components International LM2596 Datasheet HTML 14Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
(especially the 100 kHz ESR) closely match the types
listed in the table. Refer to the capacitor
manufacturers data sheet for this information.
4. Feedforward Capacitor (CFF ) (See Figure 1)
4. Feedforward Capacitor (CFF )
For output voltages greater than approximately 10V, an
additional capacitor is required. The compensation
capacitor is typically between 100 pF and 33 nF, and is
wired in parallel with the output voltage setting resistor,
R2. It provides additional stability for high output voltages,
low input-output voltages, and/or very low ESR output
capacitors, such as solid tantalum capacitors.
2
FF
R
10
31
1
C
×
×
=
This capacitor type can be ceramic, plastic, silver mica,
etc. (B ecause of the unstable characteristics of ceramic
capacitors made with Z5U material, they are not
recommended.)
The table shown in Figure 3 contains feed forward
capacitor values for various output voltages. In this
example, a 560 pF capacitor is needed.
LM2596 SERIES BUCK REGULATOR DESING PROCEDURE (ADJUSTABLE OUTPUT)
Through Hole Output Capacitor
Surface Mount Output Capacitor
Output
Voltage
(V)
Panasonic HFQ
Series
(
µF/V)
Nichicon PL
Series
(
µF/V)
Feedforward
capacitor
AVX TPS
Series
(
µF/V)
Sprague 595D
Series
(
µF/V)
Feedforward
Capacitor
2
820/35
820/35
33 nF
330/6.3
470/4
33 nF
4
560/35
470/35
10 nF
330/6.3
390/6.3
10 nF
6
470/25
470/25
3.3 nF
220/10
330/10
3.3 nF
9
330/25
330/25
1.5 nF
100/16
180/16
1.5 nF
12
330/25
330/25
1 nF
100/16
180/16
1 nF
15
220/35
220/35
680 pF
68/20
120/20
680 pF
24
220/35
150/35
560 pF
33/25
33/25
220 pF
28
100/50
100/50
390 pF
10/35
15/50
220 pF
Figure 3. Output Capacitor and Feedforward Capacitor Selection Table
LM2596 SERIES BUCK REGULATOR DESIGN PROCEDURE
Inductor Value Selection Guides (For Continuous Mode Operation)
Figure 4. LM2596-3.3
Figure 6. LM2596-12
3
L29
L21
L30
L31
L40
L22
L23
L32
L33
L34
L16
L15
L24
L25
68
H
µ
47
H
µ
33
H
µ
22
H
µ
15
H
µ
0.6
0.8 1.0
1.5
2.0 2.5 3.0
MAXIMUM LOAD CURRENT (A)
5V
6V
7V
8V
10V
15V
20V
40V
0.6
0.8 1.0
1.5
2.0 2.5 3.0
MAXIMUM LOAD CURRENT (A)
14V
16V
18V
19V
17V
25V
30V
40V
20V
15V
L27
L28
L36
L43
L37
L38
L30
L39
L40
L31
L32
L33
L34
L24
L23
L22
L21
L29
10
0
H
µ
15
0
H
µ
68
H
µ
47
H
µ
33
H
µ
22
H
µ
15
H
µ
LM2596 Simple switcher Power Converter 150kHz
3A Step-Down Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com