Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 13 Page - First Components International

Part # LM2596
Description  Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2596 Datasheet(HTML) 13 Page - First Components International

Back Button LM2596 Datasheet HTML 6Page - First Components International LM2596 Datasheet HTML 7Page - First Components International LM2596 Datasheet HTML 8Page - First Components International LM2596 Datasheet HTML 9Page - First Components International LM2596 Datasheet HTML 10Page - First Components International LM2596 Datasheet HTML 11Page - First Components International LM2596 Datasheet HTML 12Page - First Components International LM2596 Datasheet HTML 13Page - First Components International LM2596 Datasheet HTML 14Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
PAD DIAGRAM
Chip Size 4.2 x 2.7 mm2
PAD LOCATIONS COORDINATES
Coordinates
µm
Pad
N
Pad Name
Pad Size
µm
X
Y
1
VIN
200 x 400
210
2023
1
VIN
505 x 205
1412
1911
2
Out
205 x 400
925
720
3
GND
200 x 200
2461
2454
3
GND
200 x 200
3578
2454
3
GND
200 x 200
3921
1174
4
FB
200 x 200
3980
220
5
ON/OFF
200 x 200
3848
2454
LM2596 Simple switcher Power Converter 150kHz
3A Step-Down Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com