Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY4606 Datasheet HTML 1Page - Cypress Semiconductor CY4606 Datasheet HTML 2Page - Cypress Semiconductor CY4606 Datasheet HTML 3Page - Cypress Semiconductor CY4606 Datasheet HTML 4Page - Cypress Semiconductor CY4606 Datasheet HTML 5Page - Cypress Semiconductor CY4606 Datasheet HTML 6Page - Cypress Semiconductor CY4606 Datasheet HTML 7Page - Cypress Semiconductor CY4606 Datasheet HTML 8Page - Cypress Semiconductor CY4606 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY7C65620
CY7C65630
EZ-USB HX2LP™
Low Power USB 2.0 Hub Controller Family
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-08037 Rev. *Z
Revised June 19, 2013
EZ-USB HX2LP™ Low Power USB 2.0 Hub Controller Family
Features
■ USB 2.0 hub controller
■ Automotive and Industrial grade option (–40 °C to 85 °C)
■ Compliant with USB 2.0 specification
■ USB-IF certified: TID# 30000009
■ Windows Hardware Quality Lab (WHQL) Compliant
■ Up to four downstream ports supported
■ Supports bus powered and self powered modes
■ Single transaction translator (TT)
■ Bus power configurations
■ Fit, form, and function compatible with CY7C65640 and
CY7C65640A (TetraHub™)
■ Space saving 56-pin QFN
■ Single power supply requirement
❐ Internal regulator for reduced cost
■ Integrated upstream pull-up resistor
■ Integrated pull-down resistors for all downstream ports
■ Integrated upstream and downstream termination resistors
■ Integrated port status indicator control
■ 24 MHz external crystal (integrated phase-locked loop (PLL))
■ In-system EEPROM programming
■ Configurable with external SPI EEPROM:
❐ Vendor ID, Product ID, Device ID (VID/PID/DID)
❐ Number of active ports
❐ Number of removable ports
❐ Maximum power setting for high-speed and full-speed
❐ Hub controller power setting
❐ Power-on timer
❐ Overcurrent detection mode
❐ Enabled and disabled overcurrent timer
❐ Overcurrent pin polarity
❐ Indicator pin polarity
❐ Compound device
❐ Enable full-speed only
❐ Disable port indicators
❐ Ganged power switching
❐ Self and bus powered compatibility
❐ Fully configurable string descriptors for multiple language
support
Errata: For information on silicon errata, see “Errata” on page 27. Details include trigger conditions, devices affected, and proposed workaround.
Routing Logic
Hub Repeater
USB Upstream Port
USB 2.0 PHY
PLL
Serial
Interface
Engine
High-Speed
USB Control Logic
SPI Communication
Block
USB Downstream Port 1
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 2
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 3
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 4
USB 2.0
PHY
Port Power
Control
Port
Status
SPI_SCK
SPI_CS
SPI_SD
D+
D-
PWR#[4]
OVR#[4]
LED
D+
D-
PWR#[3]
OVR#[3]
LED
D+
D- PWR#[2]
OVR#[2]
LED
D+
D-
PWR#[1]
OVR#[1]
LED
Transaction Translator
TT RAM
D+
D -
24 MHz
Crystal
Block Diagram – CY7C65630


Similar Part No. - CY4606

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4606 CYPRESS-CY4606 Datasheet
544Kb / 24P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
503Kb / 25P
EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
553Kb / 25P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
532Kb / 24P
EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
581Kb / 28P
EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY4606

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com