Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 22Page - Cypress Semiconductor CY4606 Datasheet HTML 23Page - Cypress Semiconductor CY4606 Datasheet HTML 24Page - Cypress Semiconductor CY4606 Datasheet HTML 25Page - Cypress Semiconductor CY4606 Datasheet HTML 26Page - Cypress Semiconductor CY4606 Datasheet HTML 27Page - Cypress Semiconductor CY4606 Datasheet HTML 28Page - Cypress Semiconductor CY4606 Datasheet HTML 29Page - Cypress Semiconductor CY4606 Datasheet HTML 30Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
CY7C65620
CY7C65630
Document Number: 38-08037 Rev. *Z
Page 28 of 30
Document History Page
Document Title: CY7C65620/CY7C65630, EZ-USB HX2LP™ Low Power USB 2.0 Hub Controller Family
Document Number: 38-08037
Revision ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
131505
JTC
02/12/2004 New data sheet
*A
231329
KKU
See ECN
Changed load capacitors to 12 pF, updated part numbers, added functional
overviews, block descriptions, pin configurations, default descriptors, configura-
tions options, supported USB requests, electrical characteristics and package
diagram
*B
250869
ARI
See ECN
Added typical values for Icc in the DC Electrical Characteristics table, changed MPN
CY7C65650 to CY7C65640B, added CY7C65620 package
*C
330195
KKU
See ECN
Added Reset period in to the table in section ‘Serial Peripheral Interface’
Added 0xD4 EEPROM Load
Added vendor command values
Added VCC ramp rate
Updated block diagram
*D
342997
KKU
See ECN
Updated features list
Removed from the Enumeration section “Once the hub is configured, the full hub
functionality is available”
Added reference to 0xD4 load to the Downstream Ports section
Added reference to polarity control in the Power Switching and Over-current
Detection sections
Updated the Automatic Port State to Port Indicator Color Mapping table to match
USB-IF spec changes
Added LED modulation to the Port Indicators section
Updated pin description table - SELFPWR# to SELFPWR and removed references
to limitations of bus powered. Added reference to polarity control on PWR#,
OVR# and LED control lines
Updated Default descriptors
Updated EEPROM list to include 25LC080
Removed NoEOPatEOF1 bit
Added LED polarity control
*E
498396
TEH
See ECN
Removed all references to HX1TT and Multi-TT
Updated Block Diagrams to remove ports and TTs
Removed Preliminary
Updated Device ID default
Added Write Protect Description
Correct sample schematics to reflect latest RDK
Updated Power Consumption Numbers
Updated Part Numbers
*F
570287
ARI
See ECN
Corrected typo in Table 3. Changed downstream port 4 signal labels from [3] to [4].
Added dimensions of E-Pads to Figure 6.
*G
852600
KKU
See ECN
Changed feature “2-Port Single TT for bus power support” to “Bus powered config-
urations”
Updated figure 5.
Added blank EEPROM statement to the Device Descriptor section
Added blank EEPROM statement to the Configuration Options section
Added indicator for factory fusable options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com