Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 17Page - Cypress Semiconductor CY4606 Datasheet HTML 18Page - Cypress Semiconductor CY4606 Datasheet HTML 19Page - Cypress Semiconductor CY4606 Datasheet HTML 20Page - Cypress Semiconductor CY4606 Datasheet HTML 21Page - Cypress Semiconductor CY4606 Datasheet HTML 22Page - Cypress Semiconductor CY4606 Datasheet HTML 23Page - Cypress Semiconductor CY4606 Datasheet HTML 24Page - Cypress Semiconductor CY4606 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CY7C65620
CY7C65630
Document Number: 38-08037 Rev. *Z
Page 21 of 30
System Block Diagram
Figure 5. Sample Schematic for 4-port Self Powered Configuration
VCC
D–
D+
SHELL
GND
D–
D+
150 k
2.2
F
10V
15 k
VBUS
VBUSPOWER
HX2LP
GREEN[1]
AMBER[1]
GREEN[2]
AMBER[2]
GREEN[3]
AMBER[3]
GREEN[4]
AMBER[4]
PWR1
OVR1
PWR2
OVR2
PWR3
OVR3
PWR4
OVR4
SPI_CS
SPI_SCK
SPI_SD
DD–[1]
DD+[1]
DD–[2]
DD+[2]
DD–[3]
DD+[3]
DD–[4]
DD+[4]
D–
D+
VBUSPOWER
D-
D+
DD-[1]
DD+[1]
DD-[2]
DD+[2]
DD-[3]
DD+[3]
DD-[4]
DD+[4]
GREEN[1]
AMBER[1]
GREEN[2]
AMBER[2]
GREEN[3]
AMBER[3]
GREEN[4]
AMBER[4]
PWR1
OVR1
PWR2
OVR2
PWR3
OVR3
PWR4
OVR4
SPI_CS
SPI_SCK
SPI_SD
VBUSPOWER
RESET
24 MHz
12 pF
0.1
F
3.3V
100K
SPI
EEPROM
SPI_SD
SPI_SCK
SPI_CS
5V
DsPWR1
DsPWR3
DsPWR4
Power
Management
PWR1
OVR1
PWR2
OVR2
OVR3
PWR3
PWR4
OVR4
VCC
D–
D+
SHELL
GND
150
F
0.01
F
10V
DD–[1]
DD+[1]
DsPWR1
680
680
GREEN#[1]
AMBER#[1]
3.3V
680
680
GREEN#[2]
AMBER#[2]
3.3V
VCC
D–
D+
SHELL
GND
150
F
0.01
F
10V
DD–[2]
DD+[2]
DsPWR2
VCC
D–
D+
SHELL
GND
150
F
0.01
F
10V
DD-[3]
DD+[3]
DsPWR3
680
680
GREEN#[3]
AMBER#[3]
3.3 V
680
680
GREEN#[4]
AMBER#[4]
3.3 V
VCC
D–
D+
SHELL
GND
150
F
0.01
F
10V
DD-[4]
DD+[4]
DsPWR4
DsPWR2
12 pF
SPI_SD
SELFPWR
3.3V
3.3V
10K
DO
DI
CLK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com