Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 18Page - Cypress Semiconductor CY4606 Datasheet HTML 19Page - Cypress Semiconductor CY4606 Datasheet HTML 20Page - Cypress Semiconductor CY4606 Datasheet HTML 21Page - Cypress Semiconductor CY4606 Datasheet HTML 22Page - Cypress Semiconductor CY4606 Datasheet HTML 23Page - Cypress Semiconductor CY4606 Datasheet HTML 24Page - Cypress Semiconductor CY4606 Datasheet HTML 25Page - Cypress Semiconductor CY4606 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CY7C65620
CY7C65630
Document Number: 38-08037 Rev. *Z
Page 22 of 30
Absolute Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ............................... –65 °C to +150 °C
Ambient temperature with power applied:
Commercial .................................................. 0 °C to +70 °C
Automotive ................................................ –40 °C to +85 °C
Industrial .................................................... –40 °C to +85 °C
Supply voltage to ground potential ..............–0.5 V to +4.0 V
DC voltage applied to outputs
in high Z state ..................................... –0.5 V to VCC + 0.5 V
Power dissipation (4 HS ports) .................................... 0.9 W
Static discharge voltage .......................................... > 2000 V
Maximum output sink current per I/O ......................... 10 mA
Reset period
(the minimum period between
when VCC reaches the minimum operating voltage
and de-assertion of the reset line) ..............................1.9 ms
Operating Conditions
TA (ambient temperature under bias)
Commercial .................................................. 0 °C to +70 °C
Automotive ................................................ –40 °C to +85 °C
Industrial ................................................... –40 °C to +85 °C
Supply voltage ........................................ +3.15 V to +3.45 V
Ground voltage ............................................................... 0 V
FOSC (oscillator or crystal frequency)
parallel resonant,
12 pF load capacitance, 0.5 mW ................ 24 MHz ± 0.05%
Electrical Characteristics
USB Transceiver
USB 2.0 certified in full-, low-, and high-speed modes.
DC Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VCC
Supply voltage
3.15
3.3
3.45
V
VCC RampUp Ramp rate on VCC
––
18
V/ms
VIH
Input high voltage
2
–
5.25
V
VIL
Input low voltage
–0.5
–
0.8
V
Il
Input leakage current
0 < VIN < VCC
––
±10
A
VOH
Output voltage high
IOUT = 4 mA
2.4
–
–
V
VOL
Output low voltage
IOUT = –4 mA
–
–
0.4
V
IOH
Output current high
–
–
4
mA
IOL
Output current low
–
–
4
mA
CIN
Input pin capacitance
–
–
10
pF
ISUSP
Suspend current
–
80
–
A
ICC
Supply current
4 active ports
Full speed host, full-speed devices
–
86
110
mA
High speed host, high-speed devices
–
231
260
mA
High speed host, full-speed devices
–
154
180
mA
2 active ports
Full speed host, full-speed devices
–
77
100
mA
High speed host, high-speed devices
–
163
190
mA
High speed host, full-speed devices
–
136
160
mA
No active ports
Full speed host
–
65
90
mA
High speed host
–
93
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com