Electronic Components Datasheet Search
  English  ▼

X  

ADV7188BSTZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7188BSTZ
Description  Multiformat SDTV Video Decoder with Fast Switch Overlay Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7188BSTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7188BSTZ Datasheet HTML 35Page - Analog Devices ADV7188BSTZ Datasheet HTML 36Page - Analog Devices ADV7188BSTZ Datasheet HTML 37Page - Analog Devices ADV7188BSTZ Datasheet HTML 38Page - Analog Devices ADV7188BSTZ Datasheet HTML 39Page - Analog Devices ADV7188BSTZ Datasheet HTML 40Page - Analog Devices ADV7188BSTZ Datasheet HTML 41Page - Analog Devices ADV7188BSTZ Datasheet HTML 42Page - Analog Devices ADV7188BSTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
ADV7188
Rev. A | Page 39 of 112
CHROMA TRANSIENT IMPROVEMENT (CTI)
The signal bandwidth allocated for chroma is typically much
smaller than that of luminance. With older devices, this was a
valid way to fit a color video signal into a given overall band-
width because the human eye is less sensitive to chrominance
than to luminance.
The uneven bandwidth, however, may lead to visual artifacts
during sharp color transitions. At the border of two bars of
color, both components (luma and chroma) change at the same
time (see Figure 22).
Due to the higher bandwidth, the signal transition of the luma
component is usually much sharper than that of the chroma
component. The color edge is not sharp and can be blurred, in
the worst case, over several pixels.
LUMA
SIGNAL
DEMODULATED
CHROMA
SIGNAL
LUMA SIGNAL WITH A
TRANSITION, ACCOMPANIED
BY A CHROMA TRANSITION
ORIGINAL SLOW CHROMA
TRANSITION PRIOR TO CTI
SHARPENED CHROMA
TRANSITION AT THE
OUTPUT OF CTI
Figure 22. CTI Luma/Chroma Transition
To correct for such uneven bandwidths, the CTI block examines
the input video data. It detects transitions of chroma and can be
programmed to create steeper chroma edges in an attempt to
artificially restore lost color bandwidth. By operating only on
edges that are greater than a certain threshold, the CTI block
ensures that noise is not emphasized. Care has also been taken to
avoid edge ringing and undesirable saturation and hue distortion.
Chroma transient improvements are needed primarily for signals
that have severe chroma bandwidth limitations. For these types
of signals, it is strongly recommended to enable the CTI block
via CTI_EN.
CTI_EN, Chroma Transient Improvement Enable,
Address 0x4D [0]
0—Disables the CTI block.
1 (default)—Enables the CTI block.
CTI_AB_EN, Chroma Transient Improvement
Alpha Blend Enable, Address 0x4D [1]
This bit enables an alpha-blend function, which mixes the
transient improved chroma with the original signal. The
sharpness of the alpha blending can be configured via the
CTI_AB [1:0] bits. For the alpha blender to be active, the CTI
block must be enabled via the CTI_EN bit. The settings of the
CTI_AB_EN bit are as follows:
0—Disables the CTI alpha blender.
1 (default)—Enables the CTI alpha blender.
CTI_AB [1:0], Chroma Transient Improvement Alpha
Blend, Address 0x4D [3:2]
The CTI_AB [1:0] controls the behavior of alpha-blend
circuitry, which mixes the sharpened chroma signal with the
original one. It thereby controls the visual impact of CTI on the
output data.
For CTI_AB [1:0] to become active, the CTI block must be
enabled via the CTI_EN bit and the alpha blender must be
switched on via CTI_AB_EN.
Sharp blending maximizes the effect of CTI on the picture, but
may also increase the visual impact of small amplitude, high
frequency chroma noise.
Table 49. CTI_AB [1:0] Function
CTI_AB [1:0]
Description
00
Sharpest mixing
01
Sharp mixing
10
Smooth mixing
11 (default)
Smoothest mixing
CTI_C_TH [7:0], CTI Chroma Threshold,
Address 0x4E [7:0]
The CTI_C_TH [7:0] value is an unsigned, 8-bit number speci-
fying how big the amplitude step in a chroma transition must be
to be steepened by the CTI block. Programming a small value
into this register causes even, small edges to be steepened by the
CTI block. Making CTI_C_TH [7:0] a large value causes the
block to only improve large transitions.
The default value for CTI_C_TH [7:0] is 0x08, indicating the
threshold for the chroma edges prior to CTI.
DIGITAL NOISE REDUCTION (DNR) AND
LUMA PEAKING FILTER
DNR is based on the assumption that high frequency signals with
low amplitude are probably noise and that their removal therefore
improves picture quality. There are two DNR blocks in the
ADV7188: the DNR1 block before the luma peaking filter and the
DNR2 block after the luma peaking filter, as shown in Figure 23.
LUMA
OUTPUT
DNR1
LUMA PEAKING
FILTER
DNR2
LUMA
SIGNAL
Figure 23. DNR and Peaking Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com