Electronic Components Datasheet Search
  English  ▼

X  

ADV7188BSTZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7188BSTZ
Description  Multiformat SDTV Video Decoder with Fast Switch Overlay Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7188BSTZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7188BSTZ Datasheet HTML 59Page - Analog Devices ADV7188BSTZ Datasheet HTML 60Page - Analog Devices ADV7188BSTZ Datasheet HTML 61Page - Analog Devices ADV7188BSTZ Datasheet HTML 62Page - Analog Devices ADV7188BSTZ Datasheet HTML 63Page - Analog Devices ADV7188BSTZ Datasheet HTML 64Page - Analog Devices ADV7188BSTZ Datasheet HTML 65Page - Analog Devices ADV7188BSTZ Datasheet HTML 66Page - Analog Devices ADV7188BSTZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
ADV7188
Rev. A | Page 63 of 112
SYSTEM HAS
LOST LOCK
STDI VALID?
RECONFIGURE
SYSTEM
APPROPRIATELY
SYSTEM FLAGS
UNSUPPORTED
INPUT?
READ
STDI VALID
MONITORS
IN-LOCK STATUS
ENABLE STDI FUNCTION
STDI_LINE_COUNT_MODE = 1
READ AND INTERPRET BL[3:0],
LCF[10:0], LCVS[4:0], AND
FCL[12:0]
TO DETERMINE
INPUT STANDARD
NO
YES
SYSTEM SUPPORTS
INPUT STANDARD?
YES
NO
STDI Readback Values for SD, PR, and HD
The readback values provided are only valid when using a
crystal with the recommended 28.63636 MHz frequency.
Table 76. STDI Results for Video Standards (SD, PR, and HD)
Video Standard
BL [13:0]
LCF [10:0]
LCVS [4:0]
525i 60
14552 ± 80
261 ± 50
3 ± 3
240p 60
14552 ± 80
261 ± 50
2 ± 2
625i 50
14653 ± 80
311 ± 50
2 ± 2
288p 50
14654 ± 80
313 ± 50
2 ± 2
480p 60
7271 ± 40
524 ± 50
5 ± 2
720p 50
6101 ± 40
749 ± 50
4 ± 2
720p 60
5083 ± 40
749 ± 50
4 ± 2
1035i 30
6780 ± 40
562 ± 50
5 ± 2
1080i 25
7322 ± 40
1249 ± 50
0 ± 2
1080i 30
6780 ± 40
561 ± 50
4 ± 2
1080p 25
8137 ± 40
1124 ± 50
4 ± 2
1080p 50
4064 ± 40
1124 ± 50
4 ± 2
1080p 60
3385 ± 40
1124 ± 50
4 ± 2
1152i 50 Wide
7321 ± 40
623 ± 50
0 ± 2
1152i 50 Full
7321 ± 40
623 ± 50
4 ± 2
AIN4
AIN5
AIN6
SOY
ADV7188
Y
Pr
Pb
100nF
100nF
100nF
100nF
Figure 37. Example Connection of SOY pin
Figure 38. Example Use of STDI Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com