Electronic Components Datasheet Search
  English  ▼

X  

ADV7188BSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7188BSTZ
Description  Multiformat SDTV Video Decoder with Fast Switch Overlay Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7188BSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7188BSTZ Datasheet HTML 9Page - Analog Devices ADV7188BSTZ Datasheet HTML 10Page - Analog Devices ADV7188BSTZ Datasheet HTML 11Page - Analog Devices ADV7188BSTZ Datasheet HTML 12Page - Analog Devices ADV7188BSTZ Datasheet HTML 13Page - Analog Devices ADV7188BSTZ Datasheet HTML 14Page - Analog Devices ADV7188BSTZ Datasheet HTML 15Page - Analog Devices ADV7188BSTZ Datasheet HTML 16Page - Analog Devices ADV7188BSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
ADV7188
Rev. A | Page 13 of 112
ANALOG INPUT MUXING
The ADV7188 has an integrated analog muxing section that
allows connecting more than one source of video signal to the
decoder. Figure 6 outlines the overall structure of the input
muxing provided in the ADV7188.
As can be seen in Figure 6, the analog input muxes can be
controlled in two ways:
•
By the functional register (INSEL). Using INSEL [3:0]
simplifies the setup of the muxes and minimizes crosstalk
between channels by preassigning the input channels. This is
referred to as the recommended input muxing.
•
By an I2C manual override (ADC_SW_MAN_EN,
ADC0_SW, ADC1_SW, ADC2_SW, and ADC3_SW). This
is provided for applications with special requirements, such
as number/combinations of signals that are not served by
the preassigned input connections. This is referred to as
manual input muxing.
Figure 7 shows an overview of the two methods of controlling
input muxing.
SET INSEL[3:0] TO
CONFIGURE ADV7188
TO DECODE VIDEO FORMAT:
CVBS: 0000
Y/C: 0110
YPrPb: 1001
SCART (CVBS/RGB): 1111
SET SDM_SEL[1:0] FOR
S-VIDEO/COMPOSITE
AUTODETECT
USE MANUAL INPUT MUXING
(ADC_SW_MAN_EN, ADC0_SW,
ADC1_SW, ADC2_SW,
ADC3_SW)
SET INSEL[3:0] AND
SDM_SEL[1:0]
FOR REQUIRED MUXING
CONFIGURATION
CONNECTING
ANALOG SIGNALS
TO ADV7188
RECOMMENDED
INPUT MUXING;
SEE TABLE 8 AND TABLE 9?
NO
YES
Figure 7. Input Muxing Overview
Recommended Input Muxing
A maximum of 12 CVBS inputs can be connected and decoded
by the ADV7188, meaning that the sources must be connected
to adjacent pins on the IC, as seen in Figure 5. This calls for a
careful design of the PCB layout, for example, placing ground
shielding between all signals routed through tracks that are
physically close together.
SDM_SEL [1:0], Y/C and CVBS Autodetect Mode Select,
Address 0x69 [1:0]
The SDM_SEL bits decide on input routing and whether
INSEL [3:0] is used to govern input routing decisions.
The S-video/composite autodetection feature is enabled using
SDM_SEL = 11.
Table 8. SDM_SEL [1:0]
SDM_SEL [1:0]
Mode
Analog Video Inputs
00
As per INSEL [3:0]
As per INSEL [3:0]
01
CVBS
AIN11
10
Y/C
Y = AIN10
C = AIN12
11
S-video/composite
autodetection
CVBS = AIN11
Y = AIN11
C = AIN12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com