Electronic Components Datasheet Search
  English  ▼

X  

VB2211 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # VB2211
Description  Multiple Limit Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB2211 Datasheet(HTML) 1 Page - Omron Electronics LLC

  VB2211 Datasheet HTML 1Page - Omron Electronics LLC VB2211 Datasheet HTML 2Page - Omron Electronics LLC VB2211 Datasheet HTML 3Page - Omron Electronics LLC VB2211 Datasheet HTML 4Page - Omron Electronics LLC VB2211 Datasheet HTML 5Page - Omron Electronics LLC VB2211 Datasheet HTML 6Page - Omron Electronics LLC VB2211 Datasheet HTML 7Page - Omron Electronics LLC VB2211 Datasheet HTML 8Page - Omron Electronics LLC VB2211 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
192
Multiple Limit Switch
VB
Multiple Limit Switch
VB
A New Monoblock Multiple Limit Switch
Incorporating a Head Box with a Tough Head
and Ensuring High Sealing Performance and
a Mechanical Durability of 5,000,000
Operations
• Used for the sequential control of a variety of engineering ma-
chines and belt conveyor lines.
• Built-in oil filter shuts out oil and water.
• Approved by EN, IEC, and CCC (Chinese standard). (Ground
terminal models only.)
• Ground terminal models bear the CE mark.
Model Number Structure
■ Model Number Legend
1. Number of Plungers
2:
2 plungers
3:
3 plungers
4:
4 plungers
5:
5 plungers
6:
6 plungers
2. Actuator
1:
Bevel plunger
2:
Roller plunger
3. Switch Box
1:
Flange switch box with two conduit holes on the side
2:
Flange switch box with four conduit holes
4:
Non-flange switch box with two conduit holes on the side
5:
Non-flange switch box with four conduit holes
4. Scraper
1:
NBR scraper
2:
FPM scraper
5. Contact
None: 10 A (standard)
A:
0.1 A (micro load)
6. Ground Terminal
None: Without ground terminal
E:
With ground terminal
Replaceable Switch Unit
1 2 3 4 5 6
VB-
@@@@@@
Rating
Model
Standard load model
VB-S101N


Similar Part No. - VB2211

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB2212N VBSEMI-VB2212N Datasheet
707Kb / 9P
P-Channel 20 V (D-S) MOSFET
logo
France Joint
VB221X37X7 FRANCEJOINT-VB221X37X7 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - VB2211

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Festo Corporation.
534474 FESTO-534474 Datasheet
74Kb / 1P
Limit switch attachment
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
8137105 FESTO-8137105 Datasheet
92Kb / 2P
Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
Vibration Limit Switch
2020-10-05
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com