Electronic Components Datasheet Search
  English  ▼

X  

VB2211 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # VB2211
Description  Multiple Limit Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB2211 Datasheet(HTML) 4 Page - Omron Electronics LLC

  VB2211 Datasheet HTML 1Page - Omron Electronics LLC VB2211 Datasheet HTML 2Page - Omron Electronics LLC VB2211 Datasheet HTML 3Page - Omron Electronics LLC VB2211 Datasheet HTML 4Page - Omron Electronics LLC VB2211 Datasheet HTML 5Page - Omron Electronics LLC VB2211 Datasheet HTML 6Page - Omron Electronics LLC VB2211 Datasheet HTML 7Page - Omron Electronics LLC VB2211 Datasheet HTML 8Page - Omron Electronics LLC VB2211 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Multiple Limit Switch
VB
195
Connections
■ Contact Form
Nomenclature (for the VB-2211)
Engineering Data
■ Electrical Durability (with more than 300,000 Operations)
COM
NO
NC
Plunger
Scraper
Box
Cover
Switch
assembly
Seal, gasket
1,000
700
500
300
200
100
70
50
30
10
0
(Ambient temperature: 5
°C to 35°C; Ambient humidity: 40% to 70%)
Switching current (A)
Operating frequency:
30 operations/min
250 VAC, cos
φ = 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com