Electronic Components Datasheet Search
  English  ▼

X  

VB2211 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # VB2211
Description  Multiple Limit Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB2211 Datasheet(HTML) 5 Page - Omron Electronics LLC

  VB2211 Datasheet HTML 1Page - Omron Electronics LLC VB2211 Datasheet HTML 2Page - Omron Electronics LLC VB2211 Datasheet HTML 3Page - Omron Electronics LLC VB2211 Datasheet HTML 4Page - Omron Electronics LLC VB2211 Datasheet HTML 5Page - Omron Electronics LLC VB2211 Datasheet HTML 6Page - Omron Electronics LLC VB2211 Datasheet HTML 7Page - Omron Electronics LLC VB2211 Datasheet HTML 8Page - Omron Electronics LLC VB2211 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
196
Multiple Limit Switch
VB
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Note: 1. The above operating characteristic values apply to a single switch.
2. The OT and FP values are reference values.
3. The actual model numbers of each of the above VB models have a figure 2 to 6, which indicate the number of plungers.
Note: When five plungers are mounted in series, no outer actuator will be provided.
Model
VB-
@211
VB-
@241
VB-
@111
VB-
@141
OF max.
14.71 N
14.71 N
14.71 N
14.71 N
RF min.
4.90 N
4.90 N
4.90 N
4.90 N
PT max.
1.5 mm
1.5 mm
1.5 mm
1.5 mm
OT (see note 2)
(3.5 mm)
(3.5 mm)
(3.5 mm)
(3.5 mm)
MD max.
0.5 mm
0.5 mm
0.5 mm
0.5 mm
OP
32
±0.4 mm
19
±0.4 mm
26
±0.4 mm
13
±0.4 mm
FP (see note 2)
(33 mm)
(20 mm)
(27 mm)
(14 mm)
Number of plungers
H
2
58 mm
3
70 mm
4
82 mm
5, 6 (see note)
106 mm
98
±0.2
114
±0.8
50
±0.2
30
±0.2
12
±0.2
14
±0.2
68
±0.8
28
±0.3
Bevel Plunger
VB-
@111
Two, 6+0.1-dia. holes
for positioning
Four, 6.5 dia. holes
Four, M4 x 10
screws
FP
OP
PT
Two, 8.5
±0.1
dia. holes
8-dia. hard stainless
steel plunger
Cable drawing hole
with 3 threads min.
(G1/2)
Two screw caps
25
° to 30°
23.5 to 24.5
Dog setting
range
Dog
Filter
Scraper
50
±0.2
30
±0.2
68
±0.8
Cable drawing hole
with 3 threads min.
(G1/2)
8-dia. hard stainless
steel plunger
Two screw caps
Two, 8.5
±0.1
dia. holes
Filter
FP
OP
PT
Four, M4 x 10
screws
Scraper
Pitch
12
±0.2
Dog
25
° to
30
°
10.5 to 11.5
Dog setting range
Bevel Plunger
VB-
@141
98
±0.2
114
±0.8
50
±0.2
30
±0.2
12+0.2
Roller Plunger
VB-
@211
Two, 6+0.1-dia.
holes for
positioning
Four, 6.5 dia. holes
Four, M4 x 10
screws
FP
OP
PT
Two, 8.5
±0.1
dia. holes
6.8 dia. x 3.7
Stainless steel roller
Cable drawing hole with
3 threads min. (G1/2)
Two screw caps
25
° to 30°
29.5 to 30.5
Dog setting
range
Dog
Filter
Scraper
68
±0.8
14
±0.2
28
±0.3
50
±0.2
30
±0.2
68
±0.8
FP
OP
PT
Two, 8.5
±0.1
dia. holes
6.8 dia. x 3.7
Stainless steel roller
Cable drawing hole with 3
threads min. (G1/2)
Two screw caps
Filter
Scraper
Pitch
12
±0.2
Four, M4 x 10
screws
25
° to 30°
16.5 to 17.5
Dog setting range
Dog
Roller Plunger
VB-
@241



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com