Electronic Components Datasheet Search
  English  ▼

X  

VB2211 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # VB2211
Description  Multiple Limit Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB2211 Datasheet(HTML) 3 Page - Omron Electronics LLC

  VB2211 Datasheet HTML 1Page - Omron Electronics LLC VB2211 Datasheet HTML 2Page - Omron Electronics LLC VB2211 Datasheet HTML 3Page - Omron Electronics LLC VB2211 Datasheet HTML 4Page - Omron Electronics LLC VB2211 Datasheet HTML 5Page - Omron Electronics LLC VB2211 Datasheet HTML 6Page - Omron Electronics LLC VB2211 Datasheet HTML 7Page - Omron Electronics LLC VB2211 Datasheet HTML 8Page - Omron Electronics LLC VB2211 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
194
Multiple Limit Switch
VB
Specifications
■ Approved Standards
Note: Ground terminal models only.
■ Approved Standard Ratings
TÜV (EN60947-5-1) (Only Ground
Terminal Models are Approved)
Standard Load
Micro Load
CCC (GB14048.5)
■ General Ratings
Standard Load
Note: The above currents are steady-state currents.
Micro Load Ratings
■ Characteristics
Note: 1. The above values are initial values.
2. The values are calculated at an operating temperature of 5
°C to 35°C, and an operating humidity of 40% to 70%. Contact your OMRON
sales representative for more detailed information on other operating environments.
Agency
Standards
File No.
Approved models
TÜV Rheinland
EN60947-5-1
(IEC947-5-1)
R9551017
Only models with ground terminals
CCC (CQC)
GB14048.5
2003010305077628
Ask your OMRON representative for infor-
mation on approved models.
Applicable category and ratings
AC-15 2 A/250 VAC
DC-12 2 A/48 VDC
Applicable category and ratings
AC-14 0.1 A/125 VAC
DC-12 0.1 A/30 VDC
Applicable category and ratings
AC-15 2 A/250 VAC
Rated voltage
Resistive load
Inrush
current
Inrush
current
NC
NO
NC
NO
125 VAC
10 A
24 A max.
250 VAC
10 A
125 VDC
0.6 A
250 VDC
0.3 A
Rated voltage
Resistive load
125 VAC
0.1 A
8 VDC
0.1 A
30 VDC
0.1 A
Degree of protection
IP67
Durability (See note 2.)
Mechanical: 5,000,000 operations min.
Electrical:
300,000 operations min. (10 A at 250 VAC, resistive load)
Operating speed
0.1 mm to 0.5 m/s
Operating frequency
Mechanical: 120 operations min.
Electrical:
30 operations min.
Rated frequency
50/60 Hz (AC)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
15 m
Ω max. (initial value)
Dielectric strength
1,000 VAC/U
imp 4,000 VAC between terminals of same polarity
1,500 VAC/U
imp 4,000 VAC between current-carrying metal parts and ground
1,500 VAC/U
imp 4,000 VAC between each terminal and non-current-carrying metal part
U
imp 4 kV (EN60947-5-1) between terminals of different polarity
Rated insulation voltage (U
i)
300 VAC (EN60947-5-1)
Switching overvoltage
1,000 V max. (EN60947-5-1)
Pollution degree (operating environment)
3 (EN60947-5-1)
Short-circuit protective device (SCPD)
10 A fuse type gG or gI (IEC269)
Conditional short-circuit current
100 A (EN60947-5-1)
Conventional enclosed thermal current (I
the)
5 A, 0.5 A (EN60947-5-1)
Protection against electric shock
Insulation class I (Use the grounding terminal or ground on the machine side.)
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 min.
Malfunction: 200 m/s2 min.
Ambient temperature
Operating: –10
°C to 80°C (with no icing)
Ambient humidity
Operating: 35% to 95%
Weight
Approx. 580 g (in the case of VB-4211)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com