Electronic Components Datasheet Search
  English  ▼

X  

EC2216 Datasheet(PDF) 5 Page - 3M Electronics

Part # EC2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC2216 Datasheet(HTML) 5 Page - 3M Electronics

  EC2216 Datasheet HTML 1Page - 3M Electronics EC2216 Datasheet HTML 2Page - 3M Electronics EC2216 Datasheet HTML 3Page - 3M Electronics EC2216 Datasheet HTML 4Page - 3M Electronics EC2216 Datasheet HTML 5Page - 3M Electronics EC2216 Datasheet HTML 6Page - 3M Electronics EC2216 Datasheet HTML 7Page - 3M Electronics EC2216 Datasheet HTML 8Page - 3M Electronics EC2216 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive
2216 B/A
Typical Adhesive
Performance
Characteristics
A. Typical Shear Properties on Etched Aluminum
ASTM D 1002
Cure: 2 hours @ 150 ± 5°F (66°C ± 2°C), 2 psi pressure
Overlap Shear (psi)
3M™ Scotch-Weld™ Epoxy Adhesive
2216 B/A Gray
2216 B/A Tan NS
2216 B/A Trans.
Test Temperature
Adhesive
Adhesive
Adhesive
-423°F (-253°C)
2440
—
—
-320°F (-196°C)
2740
—
—
-100°F (-73°C)
3000
—
—
-67°F (-53°C)
3000
2000
3000
75°F (24°C)
3200
2500
1700
180°F (82°C)
400
400
140
T-Peel Strength (piw) @ 75°F (24°C)
3M™ Scotch-Weld™ Epoxy Adhesive
2216 B/A Gray
2216 B/A Tan NS
2216 B/A Trans.
Test Temperature
Adhesive
Adhesive
Adhesive
75°F (24°C)
25
25
25
B. Typical T-Peel Strength
ASTM D 1876
Shear Modulus
Test Temperature
(Torsion Pendulum Method)
-148°F (-100°C)
398,000 psi (2745 MPa)
-76°F (-60°C)
318,855 psi (2199 MPa)
-40°F (-40°C)
282,315 psi (1947 MPa)
32°F (0°C)
218,805 psi (1500 MPa)
75°F (24°C)
49,580 psi (342 MPa)
- 5 -



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com