Electronic Components Datasheet Search
  English  ▼

X  

EC2216 Datasheet(PDF) 6 Page - 3M Electronics

Part # EC2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC2216 Datasheet(HTML) 6 Page - 3M Electronics

  EC2216 Datasheet HTML 1Page - 3M Electronics EC2216 Datasheet HTML 2Page - 3M Electronics EC2216 Datasheet HTML 3Page - 3M Electronics EC2216 Datasheet HTML 4Page - 3M Electronics EC2216 Datasheet HTML 5Page - 3M Electronics EC2216 Datasheet HTML 6Page - 3M Electronics EC2216 Datasheet HTML 7Page - 3M Electronics EC2216 Datasheet HTML 8Page - 3M Electronics EC2216 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive
2216 B/A
Overlap Shear (psi) 75°F (24°C)
3M™ Scotch-Weld™ Epoxy Adhesive
2216
2216
2216
B/A Gray
B/A Tan NS
B/A Trans.
Environment
Time
Adhesive
Adhesive
Adhesive
100% Relative Humidity
14 days
2950 psi
3400 psi
@ 120°F (49°C)
30 days
1985 psi
2650 psi
1390 psi
90 days
1505 psi
*Salt Spray @ 75°F (24°C)
14 days
2300 psi
3900 psi
30 days
500 psi
3300 psi
1260 psi
60 days
300 psi
Tap Water @ 75°F (24°C)
14 days
3120 psi
3250 psi
30 days
2942 psi
2700 psi
1950 psi
90 days
2075 psi
Air @ 160°F (71°C)
35 days
4650 psi
4425 psi
Air @ 300°F (149°C)
40 days
4930 psi
4450 psi
3500 psi
Anti-icing Fluid @ 75°F (24°C)
7 days
3300 psi
3050 psi
2500 psi
Hydraulic Oil @ 75°F (24°C)
30 days
2500 psi
3500 psi
2500 psi
JP-4 Fuel
30 days
2500 psi
2750 psi
2500 psi
Hydrocarbon Fluid
7 days
3300 psi
3100 psi
3000 psi
Typical Adhesive
Performance
Characteristics
(continued)
C. Overlap Shear Strength After Environmental Aging-Etched Aluminum
Overlap Shear (psi)
Time aged @ 300°F (149°C)
Test Temperature
0 days
12 days
40 days
51 days
-67°F (-53°C)
2200
3310
3120
2860
75°F (24°C)
3100
5150
4930
4740
180°F (82°C)
500
1000
760
1120
350°F (177°C)
420
440
560
—
D. Heat Aging of 3M™ Scotch-Weld™ Epoxy Adhesive 2216 B/A Gray
(Cured for 7 days @ 75°F [24°C])
- 6 -
*Substrate corrosion resulted in adhesive failure.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com