Electronic Components Datasheet Search
  English  ▼

X  

EC2216 Datasheet(PDF) 7 Page - 3M Electronics

Part # EC2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC2216 Datasheet(HTML) 7 Page - 3M Electronics

  EC2216 Datasheet HTML 1Page - 3M Electronics EC2216 Datasheet HTML 2Page - 3M Electronics EC2216 Datasheet HTML 3Page - 3M Electronics EC2216 Datasheet HTML 4Page - 3M Electronics EC2216 Datasheet HTML 5Page - 3M Electronics EC2216 Datasheet HTML 6Page - 3M Electronics EC2216 Datasheet HTML 7Page - 3M Electronics EC2216 Datasheet HTML 8Page - 3M Electronics EC2216 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive
2216 B/A
E. Overlap Shear Strength on Abraded Metals, Plastics, and Rubbers.
Overlap shear strengths were measured on 1" x 1/2" overlap specimens. These
bonds were made individually using 1" by 4" pieces of substrate (Tested per
ASTM D 1002).
The thickness of the substrates were: cold rolled, galvanized and stainless steel –
0.056-0.062", copper – 0.032", brass – 0.036", rubbers – 0.125", plastics – 0.125".
All surfaces were prepared by solvent wiping/abrading/ solvent wiping.
The jaw separation rate used for testing was 0.1 in/min for metals, 2 in/min for
plastics, and 20 in/min for rubbers.
Overlap Shear (psi) @ 75°F (24°C)
3M™ Scotch-Weld™ Epoxy Adhesive
Substrate
2216 B/A Gray Adhesive 2216 B/A Tan NS Adhesive
Aluminum/Aluminum
1850
2350
Cold Rolled Steel/Cold Rolled Steel
1700
3100
Stainless Steel/Stainless Steel
1900
Galvanized Steel/Galvanized Steel
1800
Copper/Copper
1050
Brass/Brass
850
Styrene Butadiene Rubber/Steel
200*
Neoprene Rubber/Steel
220*
ABS/ABS Plastic
990*
1140*
PVC/PVC, Rigid
940*
Polycarbonate/Polycarbonate
1170*
1730*
Acrylic/Acrylic
1100*
1110*
Fiber Reinforced Polyester/
Reinforced Polyester
1660*
1650*
Polyphenylene Oxide/PPO
610
610
PC/ABS Alloy / PC/ABS Alloy
1290
1290
*The substrate failed during the test.
- 7 -
Typical Adhesive
Performance
Characteristics
(continued)
Storage
Store products at 60-80°F (16-27°C) for maximum storage life.
Shelf Life
When stored at the recommended temperatures in the original, unopened containers,
the shelf life is two years from date of shipment from 3M.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com