Electronic Components Datasheet Search
  English  ▼

X  

EC2216 Datasheet(PDF) 1 Page - 3M Electronics

Part # EC2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC2216 Datasheet(HTML) 1 Page - 3M Electronics

  EC2216 Datasheet HTML 1Page - 3M Electronics EC2216 Datasheet HTML 2Page - 3M Electronics EC2216 Datasheet HTML 3Page - 3M Electronics EC2216 Datasheet HTML 4Page - 3M Electronics EC2216 Datasheet HTML 5Page - 3M Electronics EC2216 Datasheet HTML 6Page - 3M Electronics EC2216 Datasheet HTML 7Page - 3M Electronics EC2216 Datasheet HTML 8Page - 3M Electronics EC2216 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3
Scotch-WeldTM
Epoxy Adhesive
2216 B/A
Product Description
3M™ Scotch-Weld™ Epoxy Adhesive 2216 B/A is a flexible, two-part, room
temperature curing epoxy with high peel and shear strength. Scotch-Weld epoxy
adhesive 2216 B/A is identical to 3M™ Scotch-Weld™ Epoxy Adhesive EC-2216
B/A in chemical composition. Scotch-Weld epoxy adhesive EC-2216 B/A has been
labeled, packaged, tested, and certified for aircraft and aerospace applications.
Scotch-Weld epoxy adhesive 2216 B/A may be used for aircraft and aerospace
applications if proper Certificates of Test have been issued and material meets all
aircraft manufacturer’s specification requirements.
Features
• Excellent for bonding many metals, woods, plastics, rubbers, and masonry products.
• Base and Accelerator are contrasting colors.
• Good retention of strength after environmental aging.
• Resistant to extreme shock, vibration, and flexing.
• Excellent for cryogenic bonding applications.
• The tan NS Adhesive is non-sag for greater bondline control.
• The translucent can be injected.
• Meets DOD-A-82720.
Technical Data
December, 2009
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M™ Scotch-Weld™ Epoxy Adhesive
2216 B/A Gray
2216 B/A Tan NS
2216 B/A Translucent
Base
Accelerator
Base
Accelerator
Base
Accelerator
Color:
White
Gray
White
Tan
Translucent
Amber
Base:
Modified
Modified
Modified
Modified
Modified
Modified
Epoxy
Amine
Epoxy
Amine
Epoxy
Amine
Net Wt.: (lb/gal)
11.1-11.6
10.5-11.0
11.1-11.6
10.5-11.0
9.4-9.8
8.0-8.5
Viscosity: (cps) (Approx.)
Brookfield RVF
75,000 -
40,000 -
75,000 -
550,000 -
11,000 -
5,000 -
#7 sp. @ 20 rpm
150,000
80,000
150,000
900,000
15,000
9,000
Mix Ratio: (by weight)
5 parts
7 parts
5 parts
7 parts
1 part
1 part
Mix Ratio: (by volume)
2 parts
3 parts
2 parts
3 parts
1 part
1 part
Work Life:
100 g Mass @ 75°F (24°C)
90 minutes
90 minutes
120 minutes
120 minutes
120 minutes
120 minutes


Similar Part No. - EC2216

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC221-BT6060-45 DFI-EC221-BT6060-45 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC221-BTA881-45 DFI-EC221-BTA881-45 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC221-BTAG60-45 DFI-EC221-BTAG60-45 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC2216

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP110 3M-DP110 Datasheet
252Kb / 7P
Scotch-WeldTM Epoxy Adhesive
Mar-2019
DP270 3M-DP270 Datasheet
225Kb / 8P
Scotch-WeldTM Epoxy Potting Compound/Adhesive
Mar-2019
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3532 3M-EC-3532 Datasheet
72Kb / 3P
Scotch-WeldTM Urethane Adhesive
EC-2216 3M-EC-2216 Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
Jun-2009
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
Aug-2001
EC-2216B 3M-EC-2216B Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com