Electronic Components Datasheet Search
  English  ▼

X  

82US15W Datasheet(PDF) 13 Page - Intel Corporation

Part # 82US15W
Description  Intel짰 System Controller Hub
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82US15W Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82US15W Datasheet HTML 9Page - Intel Corporation 82US15W Datasheet HTML 10Page - Intel Corporation 82US15W Datasheet HTML 11Page - Intel Corporation 82US15W Datasheet HTML 12Page - Intel Corporation 82US15W Datasheet HTML 13Page - Intel Corporation 82US15W Datasheet HTML 14Page - Intel Corporation 82US15W Datasheet HTML 15Page - Intel Corporation 82US15W Datasheet HTML 16Page - Intel Corporation 82US15W Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Errata
Specification Update
13
Errata
1.
Audio Noise With High LPC Traffic
Problem:
Audio under-run during high LPC traffic
Implication:
Momentary audio streaming interruption
Workaround:
None. LPC utilization is fairly low after BIOS has been shadowed and should not affect
audio play back.
Status:
For the steppings affected, see the Summary Tables of Changes.
2.
System Hang With PCIe Upstream Memory Write To FEE00000 With
No Data
Problem:
When a PCI Express device initiates a FEE00000 write with all byte enable disabled, the
Intel SCH turns it into an MSI write, but the Intel SCH continues to wait for a data
payload that does not exist.
Implication:
System may hang. This is a PCI Express compliance violation.
Workaround:
None. Downstream devices should not initiate these types of transactions.
Status:
For the steppings affected, see the Summary Tables of Changes.
3.
PCIe PLL May Not Power Down In L1 State
Problem:
Power management logic (in the PCIe unit) fails to power down the PLL when one of the
PCIe ports is in function disable and the other port is in the L1 state.
Implication:
A potential loss of ~100 mW in power savings if one of the PCIe ports is in function
disable.
Workaround:
None
Status:
For the steppings affected, see the Summary Tables of Changes.
4.
EHCI Controller—Unable To Mask Wake Events Per Port
Problem:
The Controller cannot mask any ports against EHCI wake events.
Implication:
Any EHCI port can cause system to wake
Workaround:
None
Status:
For the steppings affected, see the Summary Tables of Changes.
5.
PCIe Controller Fails To Go Into L1 State In Some Configurations
Problem:
If PCIe port 1 is populated and PCIe port 0 is not populated, both PCIe ports fail to go
into L1 state to reduce power.
Implication:
Fails to recognize an estimated power saving of approximate 100 mW
Workaround:
If only one PCIe port is needed in a design, use Port 0 and function disable Port 1. If
two PCIe ports exist on the platform, use port 0 first.
Status:
For the steppings affected, see the Summary Tables of Changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com