Electronic Components Datasheet Search
  English  ▼

X  

82US15W Datasheet(PDF) 18 Page - Intel Corporation

Part # 82US15W
Description  Intel짰 System Controller Hub
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82US15W Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82US15W Datasheet HTML 14Page - Intel Corporation 82US15W Datasheet HTML 15Page - Intel Corporation 82US15W Datasheet HTML 16Page - Intel Corporation 82US15W Datasheet HTML 17Page - Intel Corporation 82US15W Datasheet HTML 18Page - Intel Corporation 82US15W Datasheet HTML 19Page - Intel Corporation 82US15W Datasheet HTML 20Page - Intel Corporation 82US15W Datasheet HTML 21Page - Intel Corporation 82US15W Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Errata
18
Specification Update
24.
PCI Express* Unaligned Memory Read Data Corruption
Problem:
The Byte Enable (BE) field in a PCI Express* (PCIe*) transaction is invalid when an
unaligned memory read transaction is performed on the PCIe* memory mapped I/O
(MMIO) device space. F or reads that cross the DWORD boundary, the first BE field
incorrectly matches the last BE field instead of being the complement for a proper data
read (e.g., BE fields for a four byte read results in 0011b and 0011b instead of 0011b
and 1100b.)
Implication:
Reads from the MMIO space that crosses the DWORD boundary causes data corruption.
Workaround:
None.
Status:
For the steppings affected, see the Summary Tables of Changes.
25.
USB Client High Speed Termination Delay
Problem:
Intel® SCH as a USB client waits to disconnect the D+ pull-up resistor until the host
stops transmitting the Chirp JKJKJK sequence to identify the client as a high speed USB
device.
Implication:
Potential violation of USB 2.0 Client Specification, as the USB client should disconnect
the D+ pull-up resistor and send back a Chirp K within 500 uSec of receiving the Chirp
JKJKJK sequence from the USB host.
Workaround:
None. USB 2.0 compliance may be obtained via waiver given that validation of behavior
does not impact host recognition of high speed USB client.
Status:
For the steppings affected, see the Summary Tables of Changes.
26.
USB Audio Device Underrun/Overrun
Problem:
During the transition from C3 or C4 state to C2 (C2 pop-up time), USB classic mode
can lead to underrun/overrun situation while performing an isochronous transaction
(e.g., video/audio streaming).
Implication:
Platforms requiring isochronous transactions on USB classic mode could show transient
transfer errors.
Workaround:
None. Adjust the MTH register to lengthen the wait time entering C3/C4 state, or
attach the device through a USB 2.0 hub to Intel® SCH.
Status:
For the steppings affected, see the Summary Tables of Changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com