Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 18 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 18 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 18 of 34
Datasheet
Rev. 1.0
25/Jun/13
13.3.2. Serial Message Sequence
The circuit complies with the following sub-set specifications of the norm for pressure sensors
(The norm for the angular sensor case does not specify the serial message format)
#
8bit ID
Item
12 bit data
Comments
1
29
Sensor ID
Prog.
EE_USERID1_12LSB
2
01
Error Code
RAM
Described at next chapter …
3
2A
Sensor ID
Prog.
{EE_USERID2_8LSB, EE_USERID1_4MSB }
4
01 / 80
Error Code / User-defined RAM
value
RAM
RAM variable @ address EE_RAM_PROBE_ADDR
e.g. Temp, GainCode, FieldStrength
5
2B
Sensor ID
Prog.
{ EE_USERID3_4LSB,EE_USERID2_8MSB }
6
01
Error Code
RAM
7
2C
Sensor ID
Prog.
EE_USERID3_12MSB
8
01 / 80
Error Code / User-defined RAM
value
RAM
Optional Part ( EE_ExtendedSequence = 1 )
9
06
SENT Revision
003
10
01
Error Code
RAM
11
EE_SERIAL_ID1
User-defined #1
EE_SERIAL_DATA_1
e.g. Sensor type, Manufacturing code
12
01 / 80
Error Code / User-defined RAM
value
RAM
RAM variable @ address EE_RAM_PROBE_ADDR
e.g. Temp, GainCode, FieldStrength
13
EE_SERIAL_ID12
User-defined #2
EE_SERIAL_DATA_2
e.g. 07 – Transfer Characteristic
14
01
Error Code
RAM
15
EE_SERIAL_ID3
User-defined #3
EE_SERIAL_DATA_3
e.g. 03 – Sensor Type
16
01 / 80
Error Code / User-defined RAM
value
RAM
17
EE_SERIAL_ID4
User-defined #4
EE_SERIAL_DATA_4
18
01
Error Code
RAM
Table. Serial Message Sequence
The first part (positions 1 to 8) provides the Error Code and the Sensor ID alternatively.
The second part (positions 9 to 18) is optional as a whole enabled with EEPROM bit
EE_ExtendedSequence.
This second part consists of the error code (5 occurrences), 4 User-defined messages (ID and data) and
the SENT revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com