Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 31 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 31 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 34Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 31 of 34
Datasheet
Rev. 1.0
25/Jun/13
19.4. DMP-4 - Marking
366ADS2
Mxxxxx
XyXz
yyww
Line 1: MLX project code (e.g. 366ADS2 for
MLX90366LVS-ADS-2xx)
Line 2: Lotnumber
Line 3: Last 4 characters assembly lotnumber
Line 4: 2 digit year code – 2 digit week code
3x 100nF
1x 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com