Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 22 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 22 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 26Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 22 of 34
Datasheet
Rev. 1.0
25/Jun/13
14.1.2. Discontinuity Point (or Zero Degree Point)
The Discontinuity Point defines the 0° point on the circle. The discontinuity point places the origin at any
location of the trigonometric circle. The DP is used as reference for all the angular measurements.
Figure 5 - Discontinuity Point Positioning
14.1.3. 17-Pts LNR Parameters
The LNR parameters, together with the clamping values, fully define the relation (the transfer function)
between the digital angle and the output signal.
The shape of the MLX90366 transfer function from the digital angle value to the output voltage is
described by the drawing below. In the 16-Pts mode, the output transfer characteristic is Piece-Wise-
Linear (PWL).
W = range from 65.5° up to 360°
0%
CLAMPLOW
100%
DP
LNR_Y1
LNR_Y2
LNR_Y14
LNR_Y15
LNR_Y16
CLAMPHIGH
x
x
x
x
x
x
DP + 360
360 - W
( 360 – W ) /2
( 360 – W ) /2
LNR_Y0
Figure 6 - Input range from 65.5° up to 360°
All the Y-coordinates can be programmed from -50% up to +150% to allow clamping in the middle of one
segment (like on the figure), but the output value is limited to CLAMPLOW and CLAMPHIGH values.
Between two consecutive points, the output characteristic is interpolated.
The parameter W determines the input range on which the 17 points (16 segments) are uniformly spread:
0°
360°
The placement of the discontinuity
point (0 point) is programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com