Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 26 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 26 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 30Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 26 of 34
Datasheet
Rev. 1.0
25/Jun/13
15.
MLX90366 Self Diagnostic
The MLX90366 provides numerous self-diagnostic features. Those features increase potentially the
functional safety of safety-related systems as it reduces the risk of erroneous angle reporting in case of
internal or exter
nal failure modes (“fail-safe”).
Diagnostic Item
Action
Effect on Output
Type
Monitoring Rate
Reporting Rate
ST-up phase Diagnostics
RAM March C- 10N Test
Fail-safe mode **
** CPU reset after 120ms
Diagnostic low/ high
Reporting (optional)
Digi HW
n/applicable
(start-up only)
n/applicable (start-up
only)
Watchdog BIST
Fail-safe mode **
** CPU reset after 120ms
Diagnostic low/ high
Reporting (optional)
Digi HW
n/applicable
(start-up only)
n/applicable (start-up
only)
Under Voltage Monitoring
SUPPLYMONI =
(MT3VB) OR (MT4VB)
St-up on Hold
Diagnostic low/high
Environ
&Analog
n/applicable
(start-up only)
n/applicable (start-up
only)
Over Voltage Monitoring
MT7V
PTC entry
OUT in HiZ
Environ
n/applicable
(start-up only)
n/applicable (start-up
only)
BG Loop Diag.
ROM 16bit checksum
( continuous )
Fail-safe mode **
** CPU reset after 120ms
Diagnostic low//high
Reporting (optional)
Digi HW
800ms
800ms
EEPROM 8 bit CRC Check
(continuous)
Fail-safe mode **
** CPU reset after 120ms
Diagnostic low/high
Reporting (optional)
Digi HW
10ms
10ms
Watchdog
( continuous )
CPU reset
--
Digi HW
120ms
n/a
DSP Loop Diag.
ADC Clipping
ADCCLIP
Debouncing (prog.)
SENT Status bit0 = 1
(optional)
Environ
&Analog
5/DSP
6ms x
INT (THRES/STEP_UP)
Virtual Gain Code Out-of-spec
GAINOOS
Debouncing (prog.)
SENT Status bit0 = 1
(optional)
Environ
&Analog
1/DSP
6ms x
INT (THRES/STEP_UP)
Virtual Gain Code Saturation
[GAINMIN..GAINMAX]
Saturation (optional)
Gain Saturated @ GAINMIN-
GAINMAX
Environ
&Analog
n/applicable
Not a diagnostic
n/applicable
Not a diagnostic
ADC Monitor (Analog to Digital
Converter)
ADCMONI
Debouncing (prog.)
SENT Status bit0 = 1
(optional)
Analog
HW
1/DSP
6ms x
INT (THRES/STEP_UP)
Under Voltage Monitoring
SUPPLYMONI =
(MT3VB) OR (MT4VB)
Supply Debouncing (prog.)
SENT Status bit0 = 1
(optional)
Environ
&Analog
1/DSP
6ms x
INT (THRES/STEP_UP)
Over Voltage Monitoring
MT7V
PTC entry after PTC
Debouncing
OUT in HiZ
Environ
2ms
2ms
Temperature Sensor Monitor
TEMPMONI
Debouncing (prog.)
SENT Status bit0 = 1
(optional)
Analog
1/DSP
6ms x
INT (THRES/STEP_UP)
Temperature > 170degC (
 20)
Temperature < -60degC (
 20)
Saturate value used for the
compensation to -40degC and
+150degC resp.
No effect
Environ
&Analog
n/applicable
Not a diagnostic
Hardware Diag. ( continuously checked by dedicated Logic )
Read/Write Access out of
physical memory
Fail-safe mode **
** CPU reset after 120ms
Diagnostic Low/High
Digi HW
n/a
immediate Diag
n/a
immediate Diag
Write Access to protected area
(IO and RAM Words)
Fail-safe mode **
** CPU reset after 120ms
Diagnostic low/high
Digi HW
n/a
immediate Diag.
n/a
immediate Diag.
Unauthorized Mode Entry
Fail-safe mode **
** CPU reset after 120ms
Diagnostic low/high
Digi HW
n/a
immediate Diag
n/a
immediate Diag
EEPROM Error Correcting
Code ( Hamming correction )
(Transparent) Error Correction
no effect
Digi HW
n/a.
n/a
Hardware Diag. ( continuously checked by dedicated Analog circuits )
Broken VSS
CPU Reset
on recovery
Pull down load => Diag. Low
Pull up load => Diag. High
Environ
n/a
immediate Diag.
n/a
immediate Diag.
Broken VDD
CPU Reset
on recovery
Pull down load => Diag. Low
Pull up load => Diag. High
Environ
n/a
immediate Diag
n/a
immediate Diag
Resistive Cable Test
St-up on Hold
Diagnostic low/high
Environ
n/a
immediate Diag.
n/a
immediate Diag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com