Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments ADS5404 Datasheet HTML 10Page - Texas Instruments ADS5404 Datasheet HTML 11Page - Texas Instruments ADS5404 Datasheet HTML 12Page - Texas Instruments ADS5404 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ADS5404
www.ti.com
SLAS945 – APRIL 2013
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OVER-DRIVE RECOVERY ERROR
Recovery to within 5% (of final value) for 6dB
Input overload recovery
2
ns
overload with sine wave input
SAMPLE TIMING CHARACTERISTICS
rms
Aperture Jitter
Sample uncertainty
100
fs rms
ADC sample to digital output, auto correction disabled
38
Clock
Cycles
ADC sample to digital output, auto correction enabled
50
Data Latency
Sampling
ADC sample to digital output, Decimation filter
74
clock
enabled, Auto correction disabled
Cycles
Clock
Over-range Latency
ADC sample to over-range output
12
Cycles
ELECTRICAL CHARACTERISTICS
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS – SRESET, SCLK, SDENB, SDIO, ENABLE
0.7 x
High-level input voltage
V
IOVDD
All digital inputs support 1.8V and 3.3V logic
levels.
0.3 x
Low-level input voltage
V
IOVDD
High-level input current
–50
200
µA
Low-level input current
–50
50
µA
Input capacitance
5
pF
DIGITAL OUTPUTS – SDO
IOVDD –
Iload = -100 µA
0.2
High-level output voltage
V
0.8 x
Iload = -2 mA
IOVDD
Iload = 100 µA
0.2
Low-level output voltage
V
0.22 x
Iload = 2 mA
IOVDD
DIGITAL INPUTS – SYNCP/N
VID
Differential input voltage
250
350
450
mV
VCM
Input common mode voltage
1.125
1.2
1.375
V
tSU
500
ps
DIGITAL OUTPUTS – DA[11:0]P/N, DACLKP/N, OVRAP/N, SYNCOUTP/N, DB[11:0]P/N, DBCLKP/N, OVRBP/N
VOD
Output differential voltage
IOUT = 3.5 mA
250
350
450
mV
VOCM
Output common mode voltage
IOUT = 3.5 mA
1.125
1.25
1.375
V
Fs = 500 Msps, Data valid to zero-crossing
tsuA
600
800
ps
of DACLK
Fs = 500 Msps, Zero-crossing of DACLK to
thA
600
790
ps
data becoming invalid
Fs = 500 Msps, Data valid to zero-crossing
tsuB
700
900
ps
of DBCLK
Fs = 500 Msps, Zero-crossing of DBCLK to
thB
500
600
ps
data becoming invalid
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS5404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com