Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 29Page - Texas Instruments ADS5404 Datasheet HTML 30Page - Texas Instruments ADS5404 Datasheet HTML 31Page - Texas Instruments ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments ADS5404 Datasheet HTML 34Page - Texas Instruments ADS5404 Datasheet HTML 35Page - Texas Instruments ADS5404 Datasheet HTML 36Page - Texas Instruments ADS5404 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ADS5404
www.ti.com
SLAS945 – APRIL 2013
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
38
HP Mode 2
Bias
SYNC
LP
0
0
0
0
EN
EN
Mode
1
D15-D7
HP Mode 2
Default 111111111
1
Set to 1 for normal operation
D6
BIAS EN
Enables internal fuse bias voltages – can be disabled after
power up to save power.
Default 1
0
Internal bias powered
down
1
Internal bias enabled
D5
SYNC EN
Enables the SYNC input buffer.
Default 1
0
SYNC input buffer
disabled
1
SYNC input bffer enabled
D4
LP Mode 1
Low power mode 1 to disable unused internal input buffers.
Default 1
0
Internal input buffer
disabled
1
Internal input buffer
disabled
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADS5404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com