Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 18Page - Texas Instruments ADS5404 Datasheet HTML 19Page - Texas Instruments ADS5404 Datasheet HTML 20Page - Texas Instruments ADS5404 Datasheet HTML 21Page - Texas Instruments ADS5404 Datasheet HTML 22Page - Texas Instruments ADS5404 Datasheet HTML 23Page - Texas Instruments ADS5404 Datasheet HTML 24Page - Texas Instruments ADS5404 Datasheet HTML 25Page - Texas Instruments ADS5404 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
OVR Detection Threshold
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
Programmed Value (1-15)
500Ω
500Ω
Vcm= 1.9V
INA_P
INA_N
2nH
0.5Ω
1.3pF
20Ω
1.4pF
2nH
0.5Ω
1.3pF
20Ω
1.4pF
ADS5404
SLAS945 – APRIL 2013
www.ti.com
ANALOG INPUTS
The ADS5404 analog signal inputs are designed to be driven differentially. The analog input pins have internal
analog buffers that drive the sampling circuit. As a result of the analog buffer, the input pins present a high
impedance input across a very wide frequency range to the external driving source which enables great flexibility
in the external analog filter design as well as excellent 50
Ω matching for RF applications. The buffer also helps to
isolate the external driving circuit from the internal switching currents of the sampling circuit which results in a
more constant SFDR performance across input frequencies.
The common-mode voltage of the signal inputs is internally biased to 1.9V using 500
Ω resistors which allows for
AC coupling of the input drive network. Each input pin (INP, INM) must swing symmetrically between (VCM +
0.25V) and (VCM – 0.25V), resulting in a 1.0Vpp (default) differential input swing. The input sampling circuit has
a 3dB bandwidth that extends up to 1.2GHz.
OVER-RANGE INDICATION
The ADS5404 provides a fast over-range indication on the OVRA/B pins. The fast OVR is triggered if the input
voltage exceeds the programmable overrange threshold and it gets presented after just 12 clock cycles enabling
a quicker reaction to an overrange event. The OVR threshold can be configured using SPI register writes.
The input voltage level at which the overload is detected is referred to as the threshold and is programmable
using the Over-range threshold bits. The threshold at which fast OVR is triggered is (full-scale × [the decimal
value of the FAST OVR THRESH bits] /16). After reset, the default value of the over-range threshold is set to 15
(decimal) which corresponds to a threshold of 0.56dB below full scale (20*log(15/16)).
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com