Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 20Page - Texas Instruments ADS5404 Datasheet HTML 21Page - Texas Instruments ADS5404 Datasheet HTML 22Page - Texas Instruments ADS5404 Datasheet HTML 23Page - Texas Instruments ADS5404 Datasheet HTML 24Page - Texas Instruments ADS5404 Datasheet HTML 25Page - Texas Instruments ADS5404 Datasheet HTML 26Page - Texas Instruments ADS5404 Datasheet HTML 27Page - Texas Instruments ADS5404 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
-60
-50
-40
-30
-20
-10
0
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (MHz)
Decimation Filter Response
Low Pass Filter
High Pass Filter
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (MHz)
Decimation Filter Response
Low Pass Filter
2
Low Latency Filter
ADC
Lowpass/
Highpass
selection
0, Fs/2
500 MSPS
250 MSPS
ADS5404
SLAS945 – APRIL 2013
www.ti.com
DECIMATION FILTER
Each channel has a digital filter in the data path as shown in Figure 36. The filter can be programmed as a low-
pass or a high-pass filter and the normalized frequency response of both filters is shown in Figure 37.
Figure 36.
The decimation filter response has a 0.1dB pass band ripple with approximately 41% pass-band bandwidth. The
stop-band attenuation is approximately 40dB.
Figure 37.
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com