Electronic Components Datasheet Search
  English  ▼

X  

TPS3421 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3421
Description  Low-Power, Push-Button Controllers with Configurable Delay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3421 Datasheet HTML 4Page - Texas Instruments TPS3421 Datasheet HTML 5Page - Texas Instruments TPS3421 Datasheet HTML 6Page - Texas Instruments TPS3421 Datasheet HTML 7Page - Texas Instruments TPS3421 Datasheet HTML 8Page - Texas Instruments TPS3421 Datasheet HTML 9Page - Texas Instruments TPS3421 Datasheet HTML 10Page - Texas Instruments TPS3421 Datasheet HTML 11Page - Texas Instruments TPS3421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
Output Sink Current (mA)
±40ƒC
+0
ƒC
+25
ƒC
+85
ƒC
+125
ƒC
C007
TPS3420
TPS3421
TPS3422
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C and VCC = 3.3 V, unless otherwise noted.
Figure 13. OUTPUT VOLTAGE LOW vs OUTPUT SINK CURRENT (VCC = 6.5 V)
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3420 TPS3421 TPS3422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com