Electronic Components Datasheet Search
  English  ▼

X  

TPS3421 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3421
Description  Low-Power, Push-Button Controllers with Configurable Delay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3421 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3421 Datasheet HTML 1Page - Texas Instruments TPS3421 Datasheet HTML 2Page - Texas Instruments TPS3421 Datasheet HTML 3Page - Texas Instruments TPS3421 Datasheet HTML 4Page - Texas Instruments TPS3421 Datasheet HTML 5Page - Texas Instruments TPS3421 Datasheet HTML 6Page - Texas Instruments TPS3421 Datasheet HTML 7Page - Texas Instruments TPS3421 Datasheet HTML 8Page - Texas Instruments TPS3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS3420
TPS3421
TPS3422
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PRODUCT
DESCRIPTION
TPS3420xzzza
x is the push-button timer option.
TPS3421xyzzza
y is the different reset timeout pulse option.
TPS3422xyzzza
zzz is the package designator.
a is the tape or reel quantity.
DEVICE FAMILY OPTIONS
DEVICE
CHANNELS
INPUT
RESET BEHAVIOR (DEASSERTION)
TPS3420
2
NMOS-based threshold
Input (PBx) dependent
TPS3421
2
External pull-up to VCC
Fixed pulse
TPS3422
1
Internal pull-up
Fixed pulse
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
VCC
–0.3 to +7
V
RST
–0.3 to +7
V
Voltage
PB1, PB2
–0.3 to +7
V
TS
–0.3 to VCC + 0.3
V
Current
RST pin
±20
mA
Operating junction, TJ
–40 to +125
°C
Temperature(2)
Storage, Tstg
–65 to +150
°C
Human body model (HBM)
2
kV
Electrostatic discharge
(ESD) ratings
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute
maximum- rated conditions for extended periods may affect device reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
THERMAL INFORMATION
TPS3420
TPS3421
TPS3422
THERMAL METRIC(1)
UNITS
DRY (µSON)
6 PINS
θJA
Junction-to-ambient thermal resistance
322.0
θJCtop
Junction-to-case (top) thermal resistance
1185.2
θJB
Junction-to-board thermal resistance
184.7
°C/W
ψJT
Junction-to-top characterization parameter
34.9
ψJB
Junction-to-board characterization parameter
182.6
θJCbot
Junction-to-case (bottom) thermal resistance
69.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3420 TPS3421 TPS3422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com