Electronic Components Datasheet Search
  English  ▼

X  

TPS3421 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3421
Description  Low-Power, Push-Button Controllers with Configurable Delay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3421 Datasheet HTML 6Page - Texas Instruments TPS3421 Datasheet HTML 7Page - Texas Instruments TPS3421 Datasheet HTML 8Page - Texas Instruments TPS3421 Datasheet HTML 9Page - Texas Instruments TPS3421 Datasheet HTML 10Page - Texas Instruments TPS3421 Datasheet HTML 11Page - Texas Instruments TPS3421 Datasheet HTML 12Page - Texas Instruments TPS3421 Datasheet HTML 13Page - Texas Instruments TPS3421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IN
VCC
PB1
RST
GND
ON
GND
Load
Switch
Device
TST
VIN = 1.6 V to 6.5 V
TS
OUT
System
Power
Push-Button
Switch
+
IN
VCC
PB1
RST
GND
ON
GND
Load
Switch
Device
PB2
VIN = 1.6 V to 6.5 V
TS
OUT
System
Power
Push-Button
Switch
+
TPS3420
TPS3421
TPS3422
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
TPS3421 Inputs (PB1, PB2)
The TPS3421 has two inputs: PB1 and PB2. External pull-up resistors to VCC are required to pull the input pins
high, as shown in Figure 15. When input conditions are met (that is, when both inputs are held low
simultaneously for the push-button timer period, ttimer), the device asserts a single reset pulse of a fixed time (trst);
see Figure 2. Reset deassertion is independent of the inputs because trst is a fixed time pulse. A reset pulse
occurs only one time after each valid input condition. At least one input pin must be released (go high) and then
driven low for the ttimer duration before RST asserts again; see Figure 17.
NOTE: Connect TS to VCC or ground for different PB time delays. Connect one PB input to ground for use as a single channel.
Figure 15. TPS3421 Application Diagram
TPS3422 Input (PB1)
The TPS3422 has only one input: PB1. This input has an internal pull-up resistor to VCC. When input conditions
are met (that is, when the input is held low for the push-button timer period, ttimer), the device asserts a single
reset pulse of a fixed time (trst); see Figure 3. Reset deassertion is independent of the input because trst is a fixed
time pulse. A reset pulse occurs only one time after each valid input condition. The input pin must be released
(go high) and then driven low for the ttimer period before RST asserts again. An application diagram is shown in
Figure 16.
NOTE: Connect TS to VCC or ground for different PB time delays.
Figure 16. TPS3422 Application Diagram
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3420 TPS3421 TPS3422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com