Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84
Description  LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84 Datasheet(HTML) 4 Page - Texas Instruments

  LMT84 Datasheet HTML 1Page - Texas Instruments LMT84 Datasheet HTML 2Page - Texas Instruments LMT84 Datasheet HTML 3Page - Texas Instruments LMT84 Datasheet HTML 4Page - Texas Instruments LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LMT84, LMT84-Q1
SNIS167A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, these specifications apply for +VDD = 1.5V to 5.5V. Boldface limits apply for TA = TJ = TMIN to
TMAX ; all other limits TA = TJ = 25°C.
PARAMETER
CONDITIONS
TYP(1)
MAX (2)
UNITS
Sensor Gain
–5.5
mV/°C
Source
≤ 50 μA, (VDD - VOUT) ≥ 200 mV
–0.22
–1
mV
Load Regulation (3)
Sink
≤ 50 μA, VOUT ≥ 200 mV
0.26
1
mV
Line Regulation (4)
200
μV/V
TA = 30°C to 150°C, (VDD - VOUT) ≥ 100 mV
5.4
8.1
μA
IS
Supply Current (5)
TA = -50°C to 150°C, (VDD - VOUT) ≥ 100 mV
5.4
9
μA
CL
Output Load Capacitance
1100
pF
Power-on Time (6)
CL= 0 pF to 1100 pF
0.7
1.9
ms
Output drive
±50
µA
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(3)
Source currents are flowing out of the LMT84/LMT84-Q1. Sink currents are flowing into the LMT84/LMT84-Q1.
(4)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in OUTPUT VOLTAGE
SHIFT.
(5)
The input current is leakage only and is highest at high temperature. It is typically only 0.001 µA. The 1 µA limit is solely based on a
testing limitation and does not reflect the actual performance of the part.
(6)
Specified by design and characterization.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMT84 LMT84-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com