Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84
Description  LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84 Datasheet(HTML) 2 Page - Texas Instruments

  LMT84 Datasheet HTML 1Page - Texas Instruments LMT84 Datasheet HTML 2Page - Texas Instruments LMT84 Datasheet HTML 3Page - Texas Instruments LMT84 Datasheet HTML 4Page - Texas Instruments LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VDD
GND
Single Battery
Cell
VDD (+1.5V to +5.5V)
LMT84
GND
OUT
VDD
GND
GND
LMT84, LMT84-Q1
SNIS167A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION
Full-Range Celsius Temperature Sensor (
−50°C to 150°C)
PIN DESCRIPTIONS
PIN
LABEL
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NUMBER
GND
5
Ground
Power Supply Ground
GND
1
Ground
Power Supply Ground
Outputs a voltage which is inversely proportional to
OUT
3
Analog Output
temperature
VDD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMT84 LMT84-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com