Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84
Description  LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments LMT84 Datasheet HTML 10Page - Texas Instruments LMT84 Datasheet HTML 11Page - Texas Instruments LMT84 Datasheet HTML 12Page - Texas Instruments LMT84 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RS
OUT
LMT84
VDD
GND
CLOAD > 1100 pF
OPTIONAL
BYPASS
CAPACITANCE
OUT
LMT84
VDD
GND
OPTIONAL
BYPASS
CAPACITANCE
CLOAD ” 1100 pF
LMT84, LMT84-Q1
www.ti.com
SNIS167A – MARCH 2013 – REVISED JUNE 2013
OUTPUT AND NOISE CONSIDERATIONS
A push-pull output gives the LMT84/LMT84-Q1 the ability to sink and source significant current. This is beneficial
when, for example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC). In these
applications the source current is required to quickly charge the input capacitor of the ADC. See the
APPLICATION CIRCUITS section for more discussion of this topic. The LMT84/LMT84-Q1 is ideal for this and
other applications which require strong source or sink current.
The LMT84/LMT84-Q1 supply-noise gain (the ratio of the AC signal on VOUT to the AC signal on VDD) was
measured
during
bench
tests.
Its
typical
attenuation
is
shown
in
the
TYPICAL
PERFORMANCE
CHARACTERISTICS section. A load capacitor on the output can help to filter noise.
For operation in very noisy environments, some bypass capacitance should be present on the supply within
approximately 5 centimeters of the LMT84/LMT84-Q1.
CAPACITIVE LOADS
The LMT84/LMT84-Q1 handles capacitive loading well. In an extremely noisy environment, or when driving a
switched sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling.
Without any precautions, the LMT84/LMT84-Q1 can drive a capacitive load less than or equal to 1100 pF as
shown in Figure 11. For capacitive loads greater than 1100 pF, a series resistor may be required on the output,
as shown in Figure 12.
Figure 11. LMT84 No Decoupling Required for Capacitive Loads Less than 1100 pF
Figure 12. LMT84 with Series Resistor for Capacitive Loading Greater than 1100 pF
CLOAD
MINIMUM RS
1.1 nF to 99 nF
3 k
Ω
100 nF to 999 nF
1.5 k
Ω
1
μF
800
Ω
OUTPUT VOLTAGE SHIFT
The LMT84/LMT84-Q1 is very linear over temperature and supply voltage range. Due to the intrinsic behavior of
an NMOS/PMOS rail-to-rail buffer, a slight shift in the output can occur when the supply voltage is ramped over
the operating range of the device. The location of the shift is determined by the relative levels of VDD and VOUT.
The shift typically occurs when VDD- VOUT = 1.0V.
This slight shift (a few millivolts) takes place over a wide change (approximately 200 mV) in VDD or VOUT. Since
the shift takes place over a wide temperature change of 5°C to 20°C, VOUT is always monotonic. The accuracy
specifications in the ELECTRICAL CHARACTERISTICS table already include this possible shift.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMT84 LMT84-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com