Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84
Description  LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMT84 Datasheet HTML 4Page - Texas Instruments LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments LMT84 Datasheet HTML 10Page - Texas Instruments LMT84 Datasheet HTML 11Page - Texas Instruments LMT84 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
J
A
JA
DD S
DD
O
L
T = T +
(V I ) + (V
- V ) I
T
ª
º
¬
¼
(-5.50 mV /
oC) u
V =
T + 1035 mV
(-5.50 mV /
oC) u
V - 925 mV =
(T - 20
oC)
760 mV - 925 mV
50
oC - 20oC
u
¹
·
V - 925 mV =
(T - 20
oC)
V2 - V1
T2 - T1
u
¹
·
V - V1 =
(T - T1)
ª
º
ª
º
«
»
«
»
¬
¼ ¬
¼
2
TEMP
2
mV
mV
V
mV = 870.6mV - 5.506
T - 30°C
- 0.00176
T - 30°C
°C
°C
LMT84, LMT84-Q1
SNIS167A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
Although the LMT84/LMT84-Q1 is very linear, its response does have a slight umbrella parabolic shape. This
shape is very accurately reflected in Table 1. The Transfer Table can be calculated by using the parabolic
equation.
(1)
For a linear approximation, a line can easily be calculated over the desired temperature range from the Table
using the two-point equation:
(2)
Where V is in mV, T is in °C, T1 and V1 are the coordinates of the lowest temperature, T2 and V2 are the
coordinates of the highest temperature.
For example, if we want to resolve this equation, over a temperature range of 20°C to 50°C, we would proceed
as follows:
(3)
(4)
(5)
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
MOUNTING AND THERMAL CONDUCTIVITY
The LMT84/LMT84-Q1 can be applied easily in the same way as other integrated-circuit temperature sensors. It
can be glued or cemented to a surface.
To ensure good thermal conductivity, the backside of the LMT84/LMT84-Q1 die is directly attached to the GND
pin (Pin 2). The temperatures of the lands and traces to the other leads of the LMT84/LMT84-Q1 will also affect
the temperature reading.
Alternatively, the LMT84/LMT84-Q1 can be mounted inside a sealed-end metal tube, and can then be dipped
into a bath or screwed into a threaded hole in a tank. As with any IC, the LMT84/LMT84-Q1 and accompanying
wiring and circuits must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the
circuit may operate at cold temperatures where condensation can occur. If moisture creates a short circuit from
the output to ground or VDD, the output from the LMT84/LMT84-Q1 will not be correct. Printed-circuit coatings are
often used to ensure that moisture cannot corrode the leads or circuit traces.
The thermal resistance junction to ambient (
θJA) is the parameter used to calculate the rise of a device junction
temperature due to its power dissipation. The equation used to calculate the rise in the LMT84/LMT84-Q1's die
temperature is:
(6)
where TA is the ambient temperature, IS is the supply current, ILis the load current on the output, and VO is the
output voltage. For example, in an application where TA = 30°C, VDD = 5 V, IS = 5.4 μA, VOUT = 871 mV, and IL =
2
μA, the junction temperature would be 30.0146°C, showing a self-heating error of only 0.014°C. Since the
LMT84/LMT84-Q1's junction temperature is the actual temperature being measured, care should be taken to
minimize the load current that the LMT84/LMT84-Q1 is required to drive. Table 2 shows the thermal resistance of
the LMT84/LMT84-Q1.
Table 2. LMT84/LMT84-Q1 Thermal Resistance
DEVICE NUMBER
PACKAGE NUMBER
THERMAL RESISTANCE (
θJA)
LMT84DCK
DCK0005A
415°C/W
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMT84 LMT84-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com