Electronic Components Datasheet Search
  English  ▼

X  

ADMP510 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMP510
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP510 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMP510 Datasheet HTML 2Page - Analog Devices ADMP510 Datasheet HTML 3Page - Analog Devices ADMP510 Datasheet HTML 4Page - Analog Devices ADMP510 Datasheet HTML 5Page - Analog Devices ADMP510 Datasheet HTML 6Page - Analog Devices ADMP510 Datasheet HTML 7Page - Analog Devices ADMP510 Datasheet HTML 8Page - Analog Devices ADMP510 Datasheet HTML 9Page - Analog Devices ADMP510 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADMP510
Data Sheet
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
20
15
10
5
–15
–10
–5
0
10
100
10k
FREQUENCY (Hz)
1k
Figure 5. Frequency Response Mask
15
–15
–10
–5
0
5
10
10
100
10k
FREQUENCY (Hz)
1k
Figure 6. Typical Frequency Response (Measured)
–50
–51
–52
–53
–54
–55
–56
–57
–58
–59
–60
100
10k
FREQUENCY (Hz)
1k
Figure 7. Typical Power Supply Rejection Ratio vs. Frequency
0.1
10
1
90
130
120
110
100
INPUT (dB SPL)
Figure 8. THD + N vs. Input SPL
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
90
100
110
120
130
140
INPUT AMPLITUDE (dB SPL)
Figure 9. Linearity
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1.0
0.5
TIME (ms)
120dB SPL
124dB SPL
128dB SPL
132dB SPL
Figure 10. Clipping Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com