Electronic Components Datasheet Search
  English  ▼

X  

ADMP510 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMP510
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP510 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMP510 Datasheet HTML 4Page - Analog Devices ADMP510 Datasheet HTML 5Page - Analog Devices ADMP510 Datasheet HTML 6Page - Analog Devices ADMP510 Datasheet HTML 7Page - Analog Devices ADMP510 Datasheet HTML 8Page - Analog Devices ADMP510 Datasheet HTML 9Page - Analog Devices ADMP510 Datasheet HTML 10Page - Analog Devices ADMP510 Datasheet HTML 11Page - Analog Devices ADMP510 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADMP510
Data Sheet
Rev. 0 | Page 10 of 12
OUTLINE DIMENSIONS
2.575
2.500
2.425
3.425
3.350
3.275
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
1.08
0.98
0.88
2.21
REF
3.06 REF
BOTTOM VIEW
1.08
0.95 DIA.
0.25 NOM
0.20 MIN
DIA.
THRU HOLE
(SOUND PORT)
1.22 BSC
1.25
0.54
REF
0.64 REF
1.55 DIA.
1.52
BSC
1.07
REF
0.75 REF
2
1
3
0.90 × 0.68
(PINS 1, 3)
0.20 TYP
× 45°
0.30 BSC
PIN 1
Figure 15. 3-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
3.35 mm × 2.5 mm Body
(CE-3-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
Ordering Quantity
ADMP510ACEZ-RL
−40°C to +85°C
3-Terminal LGA_CAV, 13”Tape and Reel
CE-3-5
10,000
ADMP510ACEZ-RL7
−40°C to +85°C
3-Terminal LGA_CAV, 7”Tape and Reel
CE-3-5
1,000
EVAL-ADMP510Z-FLEX
Flexible Evaluation Board
1
Z = RoHS Compliant Part.
2
This package option is halide free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com