Electronic Components Datasheet Search
  English  ▼

X  

ADMP510 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMP510
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP510 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMP510 Datasheet HTML 4Page - Analog Devices ADMP510 Datasheet HTML 5Page - Analog Devices ADMP510 Datasheet HTML 6Page - Analog Devices ADMP510 Datasheet HTML 7Page - Analog Devices ADMP510 Datasheet HTML 8Page - Analog Devices ADMP510 Datasheet HTML 9Page - Analog Devices ADMP510 Datasheet HTML 10Page - Analog Devices ADMP510 Datasheet HTML 11Page - Analog Devices ADMP510 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADMP510
Data Sheet
Rev. 0 | Page 8 of 12
PCB DESIGN AND LAND PATTERN LAYOUT
Lay out the PCB land pattern for the ADMP510 at a 1:1 ratio to
the solder pads on the microphone package (see Figure 13). Take
care to avoid applying solder paste to the sound hole in the PCB.
Figure 14 shows a suggested solder paste stencil pattern layout.
The diameter of the sound hole in the PCB should be larger than
the diameter of the sound port of the microphone. A minimum
diameter of 0.5 mm is recommended.
Ø1.55
Ø0.95
1.52
0.90
1.90
1.22
0.68
0.61
0.61
Figure 13. Suggested PCB Land Pattern Layout
1.22
2×
0.8 × 0.6
0.2 × 45°
TYP
1.52mm
1.55/1.05 DIA.
0.225 CUT WIDTH (2×)
Figure 14. Suggested Solder Paste Stencil Pattern Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com