Electronic Components Datasheet Search
  English  ▼

X  

ADMP510 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMP510
Description  RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP510 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMP510 Datasheet HTML 4Page - Analog Devices ADMP510 Datasheet HTML 5Page - Analog Devices ADMP510 Datasheet HTML 6Page - Analog Devices ADMP510 Datasheet HTML 7Page - Analog Devices ADMP510 Datasheet HTML 8Page - Analog Devices ADMP510 Datasheet HTML 9Page - Analog Devices ADMP510 Datasheet HTML 10Page - Analog Devices ADMP510 Datasheet HTML 11Page - Analog Devices ADMP510 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADMP510
Rev. 0 | Page 9 of 12
HANDLING INSTRUCTIONS
PICK-AND-PLACE EQUIPMENT
The MEMS microphone can be handled using standard pick-
and-place and chip shooting equipment. Take care to avoid
damage to the MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone.
Because the microphone hole is located on the bottom
surface of the package (see Figure 2), the pickup tool can
make contact with any part of the top lid surface.
•
Do not pick up the microphone with a vacuum tool that
makes contact with the bottom side of the microphone.
•
Do not use excessive force to place the microphone on
the PCB.
REFLOW SOLDER
For best results, the soldering profile should be in accordance
with the recommendations of the manufacturer of the solder
paste used to attach the MEMS microphone to the PCB. It is
recommended that the solder reflow profile not exceed the limit
conditions specified in Figure 3 and Table 3.
BOARD WASH
When washing the PCB, ensure that water does not make contact
with the microphone port. Do not use blow-off procedures or
ultrasonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12