Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  The LM63 is a remote diode temperature sensor with integrated fan control.
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM63 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM63 Datasheet HTML 2Page - Texas Instruments LM63 Datasheet HTML 3Page - Texas Instruments LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments LM63 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
OPERATING RATINGS
(1) (2)
Specified Temperature Range (TMIN ≤ TA ≤ TMAX)
LM63CIM, LM63DIM
0°C
≤ TA ≤ +85°C
Remote Diode Temperature Range
0°C
≤ TA ≤ +125°C
Supply Voltage Range (VDD)
+3.0 V to +3.6 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure performance limits. For ensured specifications and test conditions, see the Electrical
Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
DC ELECTRICAL CHARACTERISTICS
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = +25°C.
UNITS
PARAMETER
CONDITIONS
VERSION
TYPICAL(1)
LIMITS(2)
(LIMITS)
TD = +60 to +100°C
LM63C
±1
°C (max)
Temperature Error Using the
TA = +30 to +50°C
TD = Remote Diode
Remote Thermal Diode of an Intel
IPWML ≤ 5 mA
LM63D
±3
°C (max)
Junction Temperature
Pentium 4 or Mobile Pentium 4
Processor-M with typical non-
TA = +0 to +85°C
TD = +25 to +125°C
All
±3
°C (max)
ideality of 1.0021.
IPWML ≤ 8 mA
Temperature Error Using the Local
TA = +25 to +125°C
(3) (4)
All
±1
±3
°C (max)
Diode
11
Bits
Remote Diode Resolution
All
0.125
°C
8
Bits
Local Diode Resolution
All
1
°C
Conversion Time, All Temperatures
Fastest Setting
All
31.25
34.4
ms (max)
D
− Source Voltage
All
0.7
V
315
µA (max)
(VD+ − VD−) = +0.65 V; High Current
All
160
110
µA (min)
Diode Source Current
20
µA (max)
Low Current
All
13
7
µA (min)
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM63 and the thermal resistance. For the thermal resistance to be used in the self-heating calculation,
see the table footnote about Thermal resistance junction-to-ambient.
(4)
Thermal resistance junction-to-ambient when attached to a printed circuit board with 2 oz. foil is 168°C/W.
OPERATING ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
TYPICAL(1)
LIMITS(2)
UNITS
ALERT
PWM
ALERT and PWM Output Saturation Voltage
IOUT
4 mA
5 mA
0.4
V (max)
IOUT
6 mA
0.55
2.4
V (max)
Power-On-Reset Threshold Voltage
1.8
V (min)
SMBus Inactive, 16 Hz
1.1
2.0
mA (max)
Conversion Rate
Supply Current (3)
STANDBY Mode
300
µA
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
The supply current will not increase substantially with an SMBus transaction.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com