Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  The LM63 is a remote diode temperature sensor with integrated fan control.
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM63 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM63 Datasheet HTML 12Page - Texas Instruments LM63 Datasheet HTML 13Page - Texas Instruments LM63 Datasheet HTML 14Page - Texas Instruments LM63 Datasheet HTML 15Page - Texas Instruments LM63 Datasheet HTML 16Page - Texas Instruments LM63 Datasheet HTML 17Page - Texas Instruments LM63 Datasheet HTML 18Page - Texas Instruments LM63 Datasheet HTML 19Page - Texas Instruments LM63 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
n
n+1
n+2
n+3
n+4
n+5
SAMPLE NUMBER
RDTS Measurement
Status Register: RTDS High
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
FAULT QUEUE
The LM63 incorporates a Fault Queue to suppress erroneous ALERT triggering. The Fault Queue prevents false
triggering by requiring three consecutive out-of-limit HIGH, LOW, or T_CRIT temperature readings. See
Figure 13. The Fault Queue defaults to OFF upon power-up and may be activated by setting the RDTS Fault
Queue bit in the Configuration Register to a 1.
Figure 13. Fault Queue Temperature Response Diagram
ONE-SHOT REGISTER
The One-Shot Register is used to initiate a single conversion and comparison cycle when the device is in
standby mode, after which the data returns to standby. This is not a data register. A write operation causes the
one-shot conversion. The data written to this address is irrelevant and is not stored. A zero will always be read
from this register.
SERIAL INTERFACE RESET
In the event that the SMBus Master is reset while the LM63 is transmitting on the SMBDAT line, the LM63 must
be returned to a known state in the communication protocol. This may be done in one of two ways:
1. When SMBDAT is Low, the LM63 SMBus state machine resets to the SMBus idle state if either SMBData or
SMBCLK are held Low for more than 35 ms (tTIMEOUT). All devices are to timeout when either the SMBCLK or
SMBDAT lines are held Low for 25 ms – 35 ms. Therefore, to insure a timeout of all devices on the bus,
either the SMBCLK or the SMBData line must be held Low for at least 35 ms.
2. With both SMBDAT and SMBCLK High, the master can initiate an SMBus start condition with a High to Low
transition on the SMBDAT line. The LM63 will respond properly to an SMBus start condition at any point
during the communication. After the start the LM63 will expect an SMBus Address address byte.
16
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com