Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  The LM63 is a remote diode temperature sensor with integrated fan control.
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM63 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM63 Datasheet HTML 19Page - Texas Instruments LM63 Datasheet HTML 20Page - Texas Instruments LM63 Datasheet HTML 21Page - Texas Instruments LM63 Datasheet HTML 22Page - Texas Instruments LM63 Datasheet HTML 23Page - Texas Instruments LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
Table 5. Fan Control Registers (continued)
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
50HEX to 5FHEX LOOKUP TABLE (7 Bits for Temperature and 6 Bits for PWM for each Temperature/PWM Pair)
7
0
This bit is unused and always set to 0.
Lookup Table
50
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 1
be the value in Register 51.
7:6
00
These bits are unused and always set to 0.
Lookup Table
51
PWM Entry 1
5:0
0x3F
The PWM value corresponding to the temperature limit in register 50.
7
0
This bit is unused and always set to 0.
Lookup Table
52
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 2
be the value in Register 53.
7:6
00
These bits are unused and always set to 0.
Lookup Table
53
PWM Entry 2
5:0
0x3F
The PWM value corresponding to the temperature limit in register 52.
7
0
This bit is unused and always set to 0.
Lookup Table
54
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 3
be the value in Register 55.
7:6
00
These bits are unused and always set to 0.
Lookup Table
55
PWM Entry 3
5:0
0x3F
The PWM value corresponding to the temperature limit in register 54.
7
0
This bit is unused and always set to 0.
Lookup Table
56
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 4
be the value in Register 57.
7:6
00
These bits are unused and always set to 0.
Lookup Table
Read.
57
PWM Entry 4
5:0
0x3F
The PWM value corresponding to the temperature limit in register 56.
(Write only
if reg 4A
7
0
This bit is unused and always set to 0.
Lookup Table
bit 5 = 1.)
58
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 5
be the value in Register 59.
7:6
00
These bits are unused and always set to 0.
Lookup Table
59
PWM Entry 5
5:0
0x3F
The PWM value corresponding to the temperature limit in register 58.
7
0
This bit is unused and always set to 0.
Lookup Table
5A
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 6
be the value in Register 5B.
7:6
00
These bits are unused and always set to 0.
Lookup Table
5B
PWM Entry 6
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5A.
7
0
This bit is unused and always set to 0.
Lookup Table
5C
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 7
be the value in Register 5D.
7:6
00
These bits are unused and always set to 0.
Lookup Table
5D
PWM Entry 7
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5C.
7
0
This bit is unused and always set to 0.
Lookup Table
5E
Temperature
If the remote diode temperature exceeds this value, the PWM output will
6:0
0x7F
Entry 8
be the value in Register 5F.
7:6
00
These bits are unused and always set to 0.
Lookup Table
5F
PWM Entry 8
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5E.
4FHEX LOOKUP TABLE HYSTERESIS
7:5
000
Lookup
These bits are unused and always set to 0
4F
R/W
Table
4:0
00100
The amount of hysteresis applied to the Lookup Table. (1 LSB = 1°C).
Hysteresis
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com